Electronic Components Datasheet Search
  English  ▼

X  

MSMDP19 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSMDP19
Description  Momentary action switch double pole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMDP19 Datasheet(HTML) 2 Page - Schurter Inc.

  MSMDP19 Datasheet HTML 1Page - Schurter Inc. MSMDP19 Datasheet HTML 2Page - Schurter Inc. MSMDP19 Datasheet HTML 3Page - Schurter Inc. MSMDP19 Datasheet HTML 4Page - Schurter Inc. MSMDP19 Datasheet HTML 5Page - Schurter Inc. MSMDP19 Datasheet HTML 6Page - Schurter Inc. MSMDP19 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Metal Line Switches
MSM DP 19
https://www.schurter.com /PG70
Switches
Technical Data
Electrical Data
Switching Function
momentary
Number of Poles
DPDT
Supply Voltage
24 VDC Ring Illumination , LED opera-
ting data are listed in separate table
5 VDC and 12 VDC RI variants (except
for RGB) on request (MOQ 500 pieces)
Impulse Withstand Voltage
(ESD)
2 kV with Ring Illumination
Micro Switch 5 A / 125 VAC or 3 A / 250 VAC, IP40
Contact Material
Ag
Switching Voltage
max. 125/250 VAC
Switching Current
max. 5 / 3 A
Rated Switching Capacity
750 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 0,1 A / 30 VDC, IP40
Contact Material
Au
Switching Voltage
max. 30 VDC
Switching Current
max. 0.1 A
Rated Switching Capacity
3 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 50 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch for Electrical Rating 10 A / 250 VAC (Protection Class
IP40)
Contact Material
Ag
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 6 A / 250 VAC, IP67
Switching Voltage
max. 250 VAC
Switching Current
max. 5
Rated Switching Capacity
1250 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 0,1 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 0.1
Rated Switching Capacity
25 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 10 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.01 million actuations at Rated Swit-
ching Capacity
Mechanical Data
Actuating Force
5.0 N
Actuating Travel
1.0 mm
Lifetime
1.5 million actuations
Shock Protection
IK07
Mounting screw torque Plastic
Nut
max. 4.5 Nm
Mounting screw torque Stain-
less Steel Nut
max. 12 Nm
Climatical Data
Operating Temperature
-25 to 85 °C
Storage Temperature
-25 to 85 °C
Protection Class
IP67
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housing
Stainless Steel
Actuator
Stainless Steel
Light Conductor (Point Illumi-
nation)
PC
Illuminated Ring (Ring Illumi-
nation)
PA for dotted single color variants
PMMA for homogeneous single color
variants
Seal Ring
NBR70
Switcher Collet
PA
Intermediate Connector non-
illuminated
PA
Intermediate Connector illumi-
nated
PA
Switcher Adapter
PA
Plastic Nut
PA, UL94
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com