Electronic Components Datasheet Search
  English  ▼

X  

1845581 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1845581
Description  Printed-circuit board connector - MDSTBV 2,5/12-G-5,08
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1845581 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1845581 Datasheet HTML 1Page - PHOENIX CONTACT 1845581 Datasheet HTML 2Page - PHOENIX CONTACT 1845581 Datasheet HTML 3Page - PHOENIX CONTACT 1845581 Datasheet HTML 4Page - PHOENIX CONTACT 1845581 Datasheet HTML 5Page - PHOENIX CONTACT 1845581 Datasheet HTML 6Page - PHOENIX CONTACT 1845581 Datasheet HTML 7Page - PHOENIX CONTACT 1845581 Datasheet HTML 8Page - PHOENIX CONTACT 1845581 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
https://www.phoenixcontact.com/pi/products/1845581
09/12/2020   Page 1 / 16
Printed-circuit board connector - MDSTBV 2,5/12-G-5,08 - 1845581
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 10 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number
of positions: 12, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout:
Linear pinning, solder pin [P]: 3.5 mm, Can be aligned! Mounting flange: Order No. 1836477, 1836480. In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug
(or FKCVR) must be used. Combination with TMSTBP plug components is not possible!
The figure shows a 10-pos. version
with 20 contacts
Your advantages
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Easy PCB replacement thanks to plug-in modules
 Well-known mounting principle allows worldwide use
 Conductor connection on several levels enables higher contact density
 Vertical connection enables multi-row arrangement on the PCB
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4017918184292
Technical data
Item properties
Brief article description
Feed-through header
Plug-in system
CLASSIC COMBICON
Type of contact
Male connector
Range of articles
MDSTBV 2,5/..-G
Pitch
5.08 mm
Number of positions
12
Mounting type
Wave soldering
Pin layout
Linear pinning
Locking
without


Similar Part No. - 1845581

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18455 ATOM-18455 Datasheet
184Kb / 2P
Sanur
22nd of January 2025 08:47:09
logo
PHOENIX CONTACT
1845507 PHOENIX-1845507 Datasheet
84Kb / 4P
Housing - MDSTBV 2.5/ 4-G-5.08
1845523 PHOENIX-1845523 Datasheet
344Kb / 16P
Printed-circuit board connector - MDSTBV 2,5/ 6-G-5,08
1845536 PHOENIX-1845536 Datasheet
1Mb / 27P
MDSTBV 2,5/ 7-G-5,08 - PCB header
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
More results

Similar Description - 1845581

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1845523 PHOENIX-1845523 Datasheet
344Kb / 16P
Printed-circuit board connector - MDSTBV 2,5/ 6-G-5,08
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
1763126 PHOENIX-1763126 Datasheet
56Kb / 3P
Printed-circuit board connector - MDSTBV 2,5/ 3-G-5,08 BK
1800908 PHOENIX-1800908 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBVAL 2,5/12-G-5,08 AU
1809364 PHOENIX-1809364 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/12-G-5,08-LR
1809173 PHOENIX-1809173 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08-LR
1901755 PHOENIX-1901755 Datasheet
55Kb / 3P
Printed-circuit board connector - MDSTBV 2,5/ 2-GFL-5,08 BK
1916465 PHOENIX-1916465 Datasheet
54Kb / 3P
Printed-circuit board connector - MDSTBV 2,5/ 2-G-5,08 LBGY
1955264 PHOENIX-1955264 Datasheet
68Kb / 3P
Printed-circuit board connector - CCA 2,5/12-G-5,08 RNP26THR
1762004 PHOENIX-1762004 Datasheet
333Kb / 17P
Printed-circuit board connector - MDSTBV 2,5/ 5-G-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com