Electronic Components Datasheet Search
  English  ▼

X  

1845581 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1845581
Description  Printed-circuit board connector - MDSTBV 2,5/12-G-5,08
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1845581 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1845581 Datasheet HTML 8Page - PHOENIX CONTACT 1845581 Datasheet HTML 9Page - PHOENIX CONTACT 1845581 Datasheet HTML 10Page - PHOENIX CONTACT 1845581 Datasheet HTML 11Page - PHOENIX CONTACT 1845581 Datasheet HTML 12Page - PHOENIX CONTACT 1845581 Datasheet HTML 13Page - PHOENIX CONTACT 1845581 Datasheet HTML 14Page - PHOENIX CONTACT 1845581 Datasheet HTML 15Page - PHOENIX CONTACT 1845581 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
https://www.phoenixcontact.com/pi/products/1845581
09/12/2020   Page 13 / 16
Printed-circuit board connector - MDSTBV 2,5/12-G-5,08 - 1845581
Accessories
Printed-circuit board connector - MSTB 2,5/12-STZ-5,08 - 1764280
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 12, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, color: green, contact
surface: Tin
 
 
Printed-circuit board connector - MSTBP 2,5/12-ST-5,08 - 1769117
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 12, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, color: green, contact
surface: Tin
 
 
Printed-circuit board connector - FRONT-MSTB 2,5/12-ST-5,08 - 1777387
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 12, pitch: 5.08 mm, connection method: Front screw connection, color: green, contact surface: Tin
 
 
Printed-circuit board connector - MSTBT 2,5/12-ST-5,08 - 1781085
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 12, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, color: green, contact
surface: Tin
 
 
Printed-circuit board connector - MVSTBR 2,5/12-ST-5,08 - 1792346
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 12, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, color: green, contact
surface: Tin
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com