Electronic Components Datasheet Search
  English  ▼

X  

MIC5205 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5205
Description  150 mA Low-Noise LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5205 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5205 Datasheet HTML 1Page - Microchip Technology MIC5205 Datasheet HTML 2Page - Microchip Technology MIC5205 Datasheet HTML 3Page - Microchip Technology MIC5205 Datasheet HTML 4Page - Microchip Technology MIC5205 Datasheet HTML 5Page - Microchip Technology MIC5205 Datasheet HTML 6Page - Microchip Technology MIC5205 Datasheet HTML 7Page - Microchip Technology MIC5205 Datasheet HTML 8Page - Microchip Technology MIC5205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005785C-page 3
MIC5205
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN) .......................................................................................................................... –20V to +20V
Enable Input Voltage (VEN) ......................................................................................................................... –20V to +20V
Power Dissipation (PD) (Note 1) ............................................................................................................Internally Limited
Operating Ratings ‡
Supply Input Voltage (VIN) ......................................................................................................................... +2.5V to +16V
Enable Input Voltage (VEN) .................................................................................................................................0V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA)/JA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the reg-
ulator will go into thermal shutdown. The JA of the MIC5205-xxYM5 (all versions) is 220°C/W mounted on
a PC board.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VOUT +1V; IL = 100 µA; CL = 1.0 µF; VEN ≥ 2.0V; TJ = +25°C, bold values indicate
–40°C < TJ < +125°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VO
–1
—
1
%
Variation from specified VOUT
–2
—
2
Output Voltage Temperature
Coefficient
ΔVO/ΔT
—
40
—
ppm/°C Note 1
Line Regulation
ΔVO/VO
—
0.004
0.012
%/V
VIN = VOUT + 1V to 16V
—
—
0.05
Load Regulation
ΔVO/VO
—
0.02
0.2
%
IL = 0.1 mA to 150 mA, Note 2
—
—
0.5
Dropout Voltage, Note 3
VIN – VO
—
10
50
mV
IL = 100 µA
—
—
70
mV
—
110
150
mV
IL = 50 mA
—
—
230
mV
—
140
250
mV
IL = 100 mA
—
—
300
mV
—
165
275
mV
IL = 150 mA
—
—
350
mV
Quiescent Current
IGND
—
0.01
1
µA
VEN ≤ 0.4V (shutdown)
—
—
5
µA
VEN ≤ 0.18V (shutdown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com