Electronic Components Datasheet Search
  English  ▼

X  

MIC5205 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5205
Description  150 mA Low-Noise LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5205 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5205 Datasheet HTML 1Page - Microchip Technology MIC5205 Datasheet HTML 2Page - Microchip Technology MIC5205 Datasheet HTML 3Page - Microchip Technology MIC5205 Datasheet HTML 4Page - Microchip Technology MIC5205 Datasheet HTML 5Page - Microchip Technology MIC5205 Datasheet HTML 6Page - Microchip Technology MIC5205 Datasheet HTML 7Page - Microchip Technology MIC5205 Datasheet HTML 8Page - Microchip Technology MIC5205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005785C-page 1
MIC5205
Features
• Ultra-Low Noise Output
• High Output Voltage Accuracy
• Guaranteed 150 mA Output
• Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Reverse-Battery Protection
• Zero Off-Mode Current
• Logic-Controlled Electronic Enable
Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery-Powered Equipment
• PCMCIA VCC and VPP Regulation/Switching
• Consumer/Personal Electronics
• SMPS Post-Regulator and DC/DC Modules
• High-Efficiency Linear Power Supplies
General Description
The MIC5205 is an efficient linear voltage regulator
with ultra low-noise output, very low dropout voltage
(typically 17 mV at light loads and 165 mV at 150 mA),
and very low ground current (600 µA at 100 mA
output). The MIC5205 offers better than 1% initial
accuracy.
Designed especially for hand-held, battery-powered
devices, the MIC5205 includes a CMOS or TTL
compatible enable/shutdown control input. When shut
down, power consumption drops nearly to zero.
Regulator ground current increases only slightly in
dropout, further prolonging battery life.
Key MIC5205 features include a reference bypass pin
to improve its already excellent low-noise performance,
reversed-battery protection, current limiting, and
overtemperature shutdown.
The MIC5205 is available in fixed and adjustable output
voltage versions in a small SOT-23-5 package.
For low-dropout regulators that are stable with ceramic
output capacitors, see the µCap MIC5245/6/7 family.
Package Type
MIC5205
5-Lead SOT-23 (M5)
IN
OUT
BYP
EN
LBxx
KBxx
Part
Identification
1
3
45
IN
OUT
ADJ
EN
LBAA
KBAA
1
3
45
22
GND
GND
Pb-Free
Marking
150 mA Low-Noise LDO Regulator


Similar Part No. - MIC5205

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5205 MICREL-MIC5205 Datasheet
99Kb / 12P
150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
99Kb / 12P
150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5205

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Discharge Option
29-Mar-04
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
Low Noise 150 mA LDO Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com