Electronic Components Datasheet Search
  English  ▼

X  

MIC5271 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5271 Datasheet HTML 6Page - Microchip Technology MIC5271 Datasheet HTML 7Page - Microchip Technology MIC5271 Datasheet HTML 8Page - Microchip Technology MIC5271 Datasheet HTML 9Page - Microchip Technology MIC5271 Datasheet HTML 10Page - Microchip Technology MIC5271 Datasheet HTML 11Page - Microchip Technology MIC5271 Datasheet HTML 12Page - Microchip Technology MIC5271 Datasheet HTML 13Page - Microchip Technology MIC5271 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MIC5271
DS20005881B-page 10
2017 - 2022 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATION INFORMATION
The MIC5271 is a general-purpose negative voltage
regulator that can be used in a system that requires a
clean negative voltage. This includes the post
regulation of DC/DC converters (transformer or charge
pump based voltage converters). These negative
voltages typically require a negative low dropout
voltage regulator to provide a clean output from noisy
input power.
4.1
Input Capacitor
A 1 µF input capacitor should be placed from –IN to
GND if there is more than two inches of wire or trace
between the input and the AC filter capacitor or if a
battery is used as the input.
4.2
Output Capacitor
The MIC5271 requires an output capacitor for stable
operation. A minimum of 1 µF of output capacitance is
required. The output capacitor can be increased
without limitation to improve transient response. The
output does not require ESR to maintain stability;
therefore a ceramic capacitor can be used. High-ESR
capacitors may cause instability. Capacitors with an
ESR of 3Ω or greater at 100 kHz can cause a
high-frequency oscillation.
Low-ESR tantalums are recommended due to the tight
capacitance tolerance over temperature. The Z5U
dielectric can change capacitance value by as much
50% over temperature, and the Y5V dielectric can
change capacitance value by as much as 60% over
temperature. To use a ceramic chip capacitor with the
Y5V dielectric, the value must be much higher than a
tantalum to ensure the same minimum capacitor value
over temperature.
4.3
No-Load Stability
The MIC5271 does not require a load for stability.
4.4
Enable Input
The MIC5271 comes with an enable pin that allows the
regulator to be disabled. Forcing the enable pin higher
than the negative threshold and lower than the positive
threshold disables the regulator and sends it into a
“zero” off-mode current state. In this state, current
consumed by the regulator goes nearly to zero,
typically drawing only ±1 µA. The MIC5271 will be in
the “on” mode when the voltage applied to the enable
pin is either greater than the positive threshold or less
than the negative threshold.
FIGURE 4-1:
Positive and Negative
Enable Voltage vs. Supply Voltage.
4.5
Thermal Considerations
Absolute values will be used for thermal calculations to
clarify the meaning of power dissipation and voltage
drops across the part.
Proper thermal design for the MIC5271-5.0YM5 can be
accomplished with some basic design criteria and
some simple equations. The following information must
be known to implement your regulator design:
• VIN = Input voltage
• VOUT = Output voltage
• IOUT = Output current
• TA = Ambient operating temperature
• IGND = Ground current
Maximum power dissipation can be determined by
knowing the ambient temperature (TA), the maximum
junction temperature (+125°C), and the thermal
resistance
(junction-to-ambient).
The
thermal
resistance for this part, assuming a minimum footprint
board layout, is +235°C/W. The maximum power
dissipation at an ambient temperature of +25°C can be
determined with Equation 4-1 and Equation 4-2:
5
4
3
2
1
0
–1
–2
–3
–4
–5
–7
–15
–3
–13
–11
–9
ENABLE INPUT
REGULATOR ON
REGULATOR OFF
REGULATOR ON
SUPPLY VOLTAGE (V)
–5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com