Electronic Components Datasheet Search
  English  ▼

X  

MIC5800 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5800
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5800 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5800 Datasheet HTML 1Page - Microchip Technology MIC5800 Datasheet HTML 2Page - Microchip Technology MIC5800 Datasheet HTML 3Page - Microchip Technology MIC5800 Datasheet HTML 4Page - Microchip Technology MIC5800 Datasheet HTML 5Page - Microchip Technology MIC5800 Datasheet HTML 6Page - Microchip Technology MIC5800 Datasheet HTML 7Page - Microchip Technology MIC5800 Datasheet HTML 8Page - Microchip Technology MIC5800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC5800/1
DS20006184B-page 4
2019 - 2022 Microchip Technology Inc.
Information present at an input is transferred to its latch when the STROBE is high. A high CLEAR input will set all
latches to the output OFF condition regardless of the data or STROBE input levels. A high /OE will set all outputs to the
off condition, regardless of any other input conditions. When the /OE is low, the outputs depend on the state of their
respective latches.
Clamp Diode Leakage
Current
IR
—
—
50
µA
VR = 50V, TA = +25°C
—
—
100
VR = 50V, TA = +70°C
Clamp Diode Forward
Voltage
VF
—
1.7
2.0
V
IF = 350 mA
TRUTH TABLE
INN
Strobe
Clear
/OE
OUTN
t – 1
t
0
1
0
0
X
OFF
1
1
0
0
X
ON
X
X
1
X
X
OFF
X
X
X
1
X
OFF
X
0
0
0
ON
ON
X
0
0
0
OFF
OFF
Legend: X = Irrelevant; t – 1 = Previous output state; t = Present output state.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Storage Temperature Range
TS
–65
—
+125
°C
—
Operating Temperature Range
TA
–40
—
+85
°C
—
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 5V, TA = +25°C, VA ≤ +85°C unless otherwise noted. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors
to ensure a minimum logic “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com