Electronic Components Datasheet Search
  English  ▼

X  

MIC5800 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5800
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5800 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5800 Datasheet HTML 4Page - Microchip Technology MIC5800 Datasheet HTML 5Page - Microchip Technology MIC5800 Datasheet HTML 6Page - Microchip Technology MIC5800 Datasheet HTML 7Page - Microchip Technology MIC5800 Datasheet HTML 8Page - Microchip Technology MIC5800 Datasheet HTML 9Page - Microchip Technology MIC5800 Datasheet HTML 10Page - Microchip Technology MIC5800 Datasheet HTML 11Page - Microchip Technology MIC5800 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MIC5800/1
DS20006184B-page 8
2019 - 2022 Microchip Technology Inc.
FIGURE 4-4:
MIC5801 Relay Driver.
FIGURE 4-5:
MIC5800 Incandescent/Halogen Lamp Driver.
1
2
3
4
5
6
7
24
23
22
21
20
19
18
8
9
10
11
17
16
15
14
12
13
K1
K3
K2
K8
K7
K6
K5
K4
STROBE
INPUT 7
INPUT 6
INPUT 5
INPUT 4
INPUT 3
INPUT 2
INPUT 1
+12V
+5V
CLEAR
INPUT 8
Relays: Guardian Electric 1725-1C-12D
0.1μF
22μF
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+24V
+5V
INPUT 4
INPUT 3
INPUT 2
INPUT 1
0.1μF
22μF
+
Note: Lamp inrush current is approximately 10× lamp operating current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com