Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 15Page - Texas Instruments TLVM13630 Datasheet HTML 16Page - Texas Instruments TLVM13630 Datasheet HTML 17Page - Texas Instruments TLVM13630 Datasheet HTML 18Page - Texas Instruments TLVM13630 Datasheet HTML 19Page - Texas Instruments TLVM13630 Datasheet HTML 20Page - Texas Instruments TLVM13630 Datasheet HTML 21Page - Texas Instruments TLVM13630 Datasheet HTML 22Page - Texas Instruments TLVM13630 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
7.3.6 Output ON/OFF Enable (EN) and VIN UVLO
The EN pin provides precision ON and OFF control for the TLVM13630. Once the EN/SYNC pin voltage exceeds
the threshold voltage and VIN is above the minimum turn-on threshold, the device starts operation. The simplest
way to enable the TLVM13630 is to connect EN directly to VIN. This allows the TLVM13630 to start up when
VIN is within its valid operating range. However, many applications benefit from the employment of an enable
divider network as shown in Figure 7-3, which establishes a precision input undervoltage lockout (UVLO). This
can be used for sequencing, to prevent re-triggering the device when used with long input cables, or to reduce
the occurrence of deep discharge of a battery power source. An external logic signal can also be used to drive
the enable input to toggle the output on and off and for system sequencing or protection.
EN
VIN
AGND
V
IN
RENB
RENT
Figure 7-3. VIN UVLO Using the EN Pin
RENB can be calculated using Equation 6.
(6)
where
• A typical value for RENT is 100 kΩ.
• VEN is 1.263 V (typical).
• VIN(ON) is the desired start-up input voltage.
7.3.7 Power Good Monitor (PG)
The TLVM13630 provides a PGOOD signal to indicate when the output voltage is within regulation. Use the
PGOOD signal for output monitoring, fault protection, or start-up sequencing of downstream converters. The
PGOOD pin voltage goes low when the feedback voltage is outside of the PGOOD thresholds. This occurs
during the following:
• While the device is disabled
• In current limit
• In thermal shutdown
• During normal start-up, when the output voltage has not reach its regulation value
A glitch filter prevents false flag operation for short excursions (<120 µs typical) of the output voltage, such as
during line and load transients.
PGOOD is an open-drain output that requires a pullup resistor to a DC supply not greater than 20 V. The typical
range of pullup resistance is 10 kΩ to 100 kΩ. When EN is pulled low, the flag output is also forced low. With EN
low, power good remains valid as long as the input voltage is above 1 V (typical). Use the PG signal for start-up
sequencing of downstream regulators, as shown in Figure 7-4, or for fault protection and output monitoring.
www.ti.com
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com