Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 21Page - Texas Instruments TLVM13630 Datasheet HTML 22Page - Texas Instruments TLVM13630 Datasheet HTML 23Page - Texas Instruments TLVM13630 Datasheet HTML 24Page - Texas Instruments TLVM13630 Datasheet HTML 25Page - Texas Instruments TLVM13630 Datasheet HTML 26Page - Texas Instruments TLVM13630 Datasheet HTML 27Page - Texas Instruments TLVM13630 Datasheet HTML 28Page - Texas Instruments TLVM13630 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
(8)
For the desired output voltage of 5 V, the formula yields a value of 40.2 kΩ. Choose the closest available
standard value of 40.2 kΩ for RFBT.
8.2.1.2.3 Switching Frequency Selection
The recommended switching frequency for standard output voltages can be found in Table 7-1. For a 5-V output,
the recommended switching frequency is 1 MHz. To set the switching frequency to 1 MHz, connect a 13.0-kΩ
resistor between the RT pin and AGND.
8.2.1.2.4 Input Capacitor Selection
The TLVM13630 requires a minimum input capacitance of 2 × 4.7-µF ceramic type. High-quality ceramic type
capacitors with sufficient voltage and temperature rating are required. The voltage rating of input capacitors must
be greater than the maximum input voltage.
For this design, select two 4.7-µF, 50-V, 1210 case size, ceramic capacitors.
8.2.1.2.5 Output Capacitor Selection
For a 5-V output, the TLVM13630 requires a minimum of 25 µF of effective output capacitance for proper
operation (see Table 7-1). High-quality ceramic type capacitors with sufficient voltage and temperature rating are
required. Additional output capacitance can be added to reduce ripple voltage or for applications with transient
load requirements.
For this design example, select two 47-µF, 10-V, 1210 case size, ceramic capacitors, which have a total effective
capacitance of approximately 48 µF at 5 V.
8.2.1.2.6 Other Connections
• Connect VLDOIN to VOUT to improve efficiency.
• Place a 1-µF capacitor between the VCC pin and PGND, located near to the device.
www.ti.com
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com