Electronic Components Datasheet Search
  English  ▼

X  

TMUX8109 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8109
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8109 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX8109 Datasheet HTML 8Page - Texas Instruments TMUX8109 Datasheet HTML 9Page - Texas Instruments TMUX8109 Datasheet HTML 10Page - Texas Instruments TMUX8109 Datasheet HTML 11Page - Texas Instruments TMUX8109 Datasheet HTML 12Page - Texas Instruments TMUX8109 Datasheet HTML 13Page - Texas Instruments TMUX8109 Datasheet HTML 14Page - Texas Instruments TMUX8109 Datasheet HTML 15Page - Texas Instruments TMUX8109 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
7.11 Switching Characteristics: TMUX810x Devices
over operating free-air temperature range (unless otherwise noted)
typical at VDD = +36 V, VSS = –36 V, GND = 0 V and TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tTRAN
Transition time from control input
VS = 10 V
RL = 10 kΩ, CL = 15 pF
25°C
3
µs
–40°C to +85°C
10
–40°C to +125°C
12
tON (EN)
Turn-on time from enable
VS = 10 V
RL = 10 kΩ, CL = 15 pF
25°C
3
µs
–40°C to +85°C
14
–40°C to +125°C
15
tOFF (EN) Turn-off time from enable
VS = 10 V
RL = 10 kΩ, CL = 15 pF
25°C
0.65
µs
–40°C to +85°C
3
–40°C to +125°C
3
tBBM
Break-before-make time delay
VS = 10 V,
RL = 10 kΩ, CL = 15 pF
25°C
3
µs
–40°C to +85°C
0.1
–40°C to +125°C
0.1
TON (VDD)
Device turn on time
(VDD to output)
VDD ramp rate = 1 V/µs,
VS = 10 V,
RL = 10 kΩ, CL = 15pF
25°C
75
µs
tPD
Propagation delay
RL = 50 Ω , CL = 5 pF
25°C
550
ps
QINJ
Charge injection
VS = (VDD + VSS) / 2, CL = 1 nF
25°C
–150
pC
OISO
Off isolation
RL = 50 Ω , CL = 5 pF
VS = (VDD + VSS) / 2, f = 1 MHz
25°C
–110
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = (VDD + VSS) / 2, f = 1MHz
25°C
–110
dB
BW
–3dB bandwidth (TMUX8108)
RL = 50 Ω , CL = 5 pF
VS = (VDD + VSS) / 2
25°C
200
MHz
BW
–3dB bandwidth (TMUX8109)
380
IL
Insertion loss
RL = 50 Ω , CL = 5 pF
VS = (VDD + VSS) / 2, f = 1 MHz
25°C
–2.8
dB
THD+N
Total harmonic distortion + Noise
Dual supply voltage
VPP = 5 V, VBIAS = (VDD + VSS) / 2
RL = 1 kΩ , CL = 5 pF,
f = 20 Hz to 20 kHz
25°C
0.003
%
CS(OFF)
Source off capacitance
VS = (VDD + VSS) / 2, f = 1 MHz
25°C
3
pF
CD(OFF)
Drain off capacitance
(TMUX8108)
VS = (VDD + VSS) / 2, f = 1 MHz
25°C
20
pF
CD(OFF)
Drain off
capacitance (TMUX8109)
VS = (VDD + VSS) / 2, f = 1 MHz
25°C
10
pF
CS(ON),
CD(ON)
On capacitance (TMUX8108)
VS = (VDD + VSS) / 2, f = 1 MHz
25°C
21
pF
CS(ON),
CD(ON)
On capacitance (TMUX8109)
VS = (VDD + VSS) / 2, f = 1 MHz
25°C
12
pF
TMUX8108, TMUX8109
SCDS435A – SEPTEMBER 2021 – REVISED DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX8108 TMUX8109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com