Electronic Components Datasheet Search
  English  ▼

X  

TMUX8109 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8109
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8109 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX8109 Datasheet HTML 1Page - Texas Instruments TMUX8109 Datasheet HTML 2Page - Texas Instruments TMUX8109 Datasheet HTML 3Page - Texas Instruments TMUX8109 Datasheet HTML 4Page - Texas Instruments TMUX8109 Datasheet HTML 5Page - Texas Instruments TMUX8109 Datasheet HTML 6Page - Texas Instruments TMUX8109 Datasheet HTML 7Page - Texas Instruments TMUX8109 Datasheet HTML 8Page - Texas Instruments TMUX8109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX8108
Single channel 8:1 multiplexer
TMUX8109
Dual channel 4:1 multiplexer
6 Pin Configuration and Functions
1
A0
16
A1
2
EN
15
A2
3
VSS
14
GND
4
S1
13
VDD
5
S2
12
S5
6
S3
11
S6
7
S4
10
S7
8
D
9
S8
Not to scale
Figure 6-1. PW Package 16-Pin TSSOP Top View
1
VSS
12
GND
2
S1
11
VDD
3
S2
10
S5
4
S3
9
S6
Not to scale
Thermal
Pad
Figure 6-2. RUM Package 16-Pin WQFN Top View
Table 6-1. Pin Functions: TMUX8108
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
WQFN
A0
1
15
I
Logic control input address 0 (A0).
EN
2
16
I
Active high digital enable (EN) pin. The device is disabled and all switches become high impedance when
the pin is low. When the pin is high, the Ax logic inputs determine individual switch states.
VSS
3
1
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling capacitor
ranging from 0.1 µF to 10 µF between VSS and GND.
S1
4
2
I/O
Source pin 1. Can be an input or output.
S2
5
3
I/O
Source pin 2. Can be an input or output.
S3
6
4
I/O
Source pin 3. Can be an input or output.
S4
7
5
I/O
Source pin 4. Can be an input or output.
D
8
6
I/O
Drain pin. Can be an input or output.
S8
9
7
I/O
Source pin 8. Can be an input or output.
S7
10
8
I/O
Source pin 7. Can be an input or output.
S6
11
9
I/O
Source pin 6. Can be an input or output.
S5
12
10
I/O
Source pin 5. Can be an input or output.
VDD
13
11
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect
a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
GND
14
12
P
Ground (0 V) reference
A2
15
13
I
Logic control input address 2 (A2).
A1
16
14
I
Logic control input address 1 (A1).
Thermal Pad
—
The thermal pad is not connected internally. It is recommended that the pad be tied to GND or VSS for the
best performance.
(1)
I = input, O = output, I/O = input and output, P = power
www.ti.com
TMUX8108, TMUX8109
SCDS435A – SEPTEMBER 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX8108 TMUX8109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com