Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308FPWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308FPWR
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308FPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7308FPWR Datasheet HTML 22Page - Texas Instruments TMUX7308FPWR Datasheet HTML 23Page - Texas Instruments TMUX7308FPWR Datasheet HTML 24Page - Texas Instruments TMUX7308FPWR Datasheet HTML 25Page - Texas Instruments TMUX7308FPWR Datasheet HTML 26Page - Texas Instruments TMUX7308FPWR Datasheet HTML 27Page - Texas Instruments TMUX7308FPWR Datasheet HTML 28Page - Texas Instruments TMUX7308FPWR Datasheet HTML 29Page - Texas Instruments TMUX7308FPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
8 Parameter Measurement Information
8.1 On-Resistance
The on-resistance of the TMUX7308F and TMUX7309F is the ohmic resistance across the source (Sx) and drain
(Dx) pins of the device. The on-resistance varies with input voltage and supply voltage. The symbol RON is used
to denote on-resistance. Figure 8-1 shows the measurement setup used to measure RON. ΔRON represents the
difference between the RON of any two channels, while RON_FLAT denotes the flatness that is defined as the
difference between the maximum and minimum value of the on-resistance measured over the specified analog
signal range.
Figure 8-1. On-Resistance Measurement Setup
8.2 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state, which follows:
1. Source off-leakage current IS(OFF): the leakage current flowing into or out of the source pin when the switch
is off.
2. Drain off-leakage current ID(OFF): the leakage current flowing into or out of the drain pin when the switch is
off.
Figure 8-2 shows the setup used to measure both off-leakage currents.
Is (OFF)
SW
SW
S1
S2
D
VDD
VSS
SW
S8
GND
A
GND
GND
VD
SW
SW
S1
S2
D
SW
S8
GND
GND
VD
VS
GND
VS
ID (OFF)
A
IS(OFF)
ID(OFF)
VDD
VSS
Figure 8-2. Off-Leakage Measurement Setup
TMUX7308F, TMUX7309F
SCDS403B – FEBRUARY 2021 – REVISED DECEMBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com