Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308FPWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308FPWR
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308FPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX7308FPWR Datasheet HTML 21Page - Texas Instruments TMUX7308FPWR Datasheet HTML 22Page - Texas Instruments TMUX7308FPWR Datasheet HTML 23Page - Texas Instruments TMUX7308FPWR Datasheet HTML 24Page - Texas Instruments TMUX7308FPWR Datasheet HTML 25Page - Texas Instruments TMUX7308FPWR Datasheet HTML 26Page - Texas Instruments TMUX7308FPWR Datasheet HTML 27Page - Texas Instruments TMUX7308FPWR Datasheet HTML 28Page - Texas Instruments TMUX7308FPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Time(
s)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-5
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
50V/
s fault ramp
SOURCE
DRAIN
VDD
Figure 7-37. Drain Output Response – Positive Overvoltage
Time(
s)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
50V/
s fault ramp
SOURCE
DRAIN
VSS
Figure 7-38. Drain Output Response – Negative Overvoltage
Time(
s)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
50V/
s fault ramp
VDD
SOURCE
DRAIN
Figure 7-39. Drain Output Recovery – Positive Overvoltage
Time(
s)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
50V/
s fault ramp
SOURCE
DRAIN
VSS
Figure 7-40. Drain Output Recovery – Negative Overvoltage
www.ti.com
TMUX7308F, TMUX7309F
SCDS403B – FEBRUARY 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com