Electronic Components Datasheet Search
  English  ▼

X  

MAX17262 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17262
Description  5.2關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Internal Current Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17262 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17262 Datasheet HTML 1Page - Maxim Integrated Products MAX17262 Datasheet HTML 2Page - Maxim Integrated Products MAX17262 Datasheet HTML 3Page - Maxim Integrated Products MAX17262 Datasheet HTML 4Page - Maxim Integrated Products MAX17262 Datasheet HTML 5Page - Maxim Integrated Products MAX17262 Datasheet HTML 6Page - Maxim Integrated Products MAX17262 Datasheet HTML 7Page - Maxim Integrated Products MAX17262 Datasheet HTML 8Page - Maxim Integrated Products MAX17262 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
General Description
The MAX17262 is an ultra-low power fuel-gauge IC which
implements the Maxim ModelGauge™ m5 algorithm. The
IC monitors a single-cell battery pack and supports inter-
nal current sensing for up to 3.1A pulse current. The IC
provides best performance for batteries with 100mAhr to
6Ahr capacity.
The ModelGauge m5 EZ makes fuel-gauge implementa-
tion easy by eliminating battery characterization require-
ments and simplifying host software interaction. The
ModelGauge m5 EZ robust algorithm provides tolerance
against battery diversity for most lithium batteries and
applications.
The ModelGauge m5 EZ algorithm combines the short-
term accuracy and linearity of a coulomb counter with the
long-term stability of a voltage-based fuel gauge, along
with temperature compensation to provide industry-lead-
ing fuel-gauge accuracy. The IC automatically compen-
sates for cell-aging, temperature, and discharge rate,
and provides accurate state-of-charge (SOC) in percent-
age (%) and remaining capacity in milliampere-hours
(mAh) over a wide range of operating conditions. As
the battery approaches the critical region near emp-
ty, the ModelGauge m5 algorithm invokes a special cor-
rection mechanism that eliminates any error. The IC pro-
vides accurate estimation of time-to-empty and time-to-
full and provides three methods for reporting the age of
the battery: reduction in capacity, increase in battery re-
sistance, and cycle odometer.
The IC provides precision measurements of current, volt-
age, and temperature. The temperature of the battery
pack is measured using an internal temperature sensor or
external thermistor. A 2-wire I2C interface provides access
to data and control registers. The IC is available in a tiny
lead-free 0.4mm pitch, 1.5mm x 1.5mm, 9-pin wafer-level
package (WLP).
Applications
● Wearables and Smartwatches
● Bluetooth Headset Cases
● Health and Fitness Monitors
● Medical Devices
● Handheld Computers and Terminals
● Home and Building Automation, Sensors
● Toys
Benefits and Features
● ModelGauge m5 EZ
• No Characterization Required for EZ
Performance
• Robust Against Battery Variation
• Eliminates Error Near Empty Voltage
• Eliminates Coulomb-Counter Drift
• Compensates for Age, Current, Temperature
• Does Not Require Empty, Full, or Idle States
● Low 5.2μA Operating Current
● Integrated Internal Current Sensing
• 7mΩ Typical, up to 3.1A Pulse Currents
● Supports Li+ and Variants Including LiFePO4
● Thermistor or ±1°C Internal Temperature
● Dynamic Power Estimates Power Capability During
Discharge
● Time-to-Empty and Time-to-Full Estimation
• Constant Power or Constant Current
● Predicts Remaining Capacity Under Theoretical
Load
● No Calibration Required
● Alert Indicator for Voltage, SOC, Temperature,
Current, and 1% SOC Change
Ordering Information appears at end of data sheet.
Simple Fuel-Gauge Circuit Diagram
SCL
SDA
ALRT
BATT
REG
SYSPWR
SYSGND
SYS
GND
0.47µF
0.1µF
PROTECTION
CIRCUIT
MAX17262
10kΩ
NTC
TH
ModelGauge is a trademark of Maxim Integrated Products, Inc.
Click here for production status of specific part numbers.
MAX17262
5.2μA 1-Cell Fuel Gauge with ModelGauge m5 EZ
and Internal Current Sensing
EVALUATION KIT AVAILABLE
19-100308; Rev 0; 7/18


Similar Part No. - MAX17262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17262XEVKIT MAXIM-MAX17262XEVKIT Datasheet
1,015Kb / 13P
Lithium battery pack of desired configuration
Rev 0; 8/18
MAX17262XEVKIT# MAXIM-MAX17262XEVKIT# Datasheet
1,015Kb / 13P
Lithium battery pack of desired configuration
Rev 0; 8/18
More results

Similar Description - MAX17262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
MAX17055 MAXIM-MAX17055 Datasheet
582Kb / 24P
7μA 1-Cell Fuel Gauge with ModelGauge m5 EZ
Rev 0; 1/17
MAX17320 MAXIM-MAX17320 Datasheet
4Mb / 179P
2S-4S ModelGauge m5 EZ Fuel Gauge with Protector, Internal Self-Discharge Detection, and SHA-256 Authentication
Rev 7; 8/20
MAX17260 MAXIM-MAX17260 Datasheet
1Mb / 33P
5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17261 MAXIM-MAX17261 Datasheet
1Mb / 32P
5.1關A Multi-Cell Fuel Gauge with ModelGauge m5 EZ
2018
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
1-Cell Fuel Gauge with ModelGauge m3
2016
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Analog Devices
MAX17332 AD-MAX17332 Datasheet
4Mb / 168P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com