Electronic Components Datasheet Search
  English  ▼

X  

MAX17262 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17262
Description  5.2關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Internal Current Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17262 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17262 Datasheet HTML 17Page - Maxim Integrated Products MAX17262 Datasheet HTML 18Page - Maxim Integrated Products MAX17262 Datasheet HTML 19Page - Maxim Integrated Products MAX17262 Datasheet HTML 20Page - Maxim Integrated Products MAX17262 Datasheet HTML 21Page - Maxim Integrated Products MAX17262 Datasheet HTML 22Page - Maxim Integrated Products MAX17262 Datasheet HTML 23Page - Maxim Integrated Products MAX17262 Datasheet HTML 24Page - Maxim Integrated Products MAX17262 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RepSOC Register (06h)
Register Type: Percentage
RepSOC is the reported state-of-charge percentage output for use by the application user interface.
FullCapRep Register (10h)
Register Type: Capacity
This register reports the full capacity that goes with RepCap, generally used for reporting to the user. A new full-capacity
value is calculated at the end of every charge cycle in the application.
TTE Register (11h)
Register Type: Time
The TTE register holds the estimated time to empty for the application under present temperature and load conditions.
TTE register is only valid when current register is negative.
TTF Register (20h)
Register Type: Time
The TTF register holds the estimated time to full for the application under present conditions. The TTF value is
determined by learning the constant current and constant voltage portions of the charge cycle based on experience of
prior charge cycles. Time-to-full is then estimated by comparing the present charge current to the charge termination
current. Operation of the TTF register assumes all charge profiles are consistent in the application. The TTF register is
only valid when the current register is positive.
Cycles Register (17h)
Register Type: Special
The Cycles register maintains a total count of the number of charge/discharge cycles of the cell. The result is stored
as a fraction of a full cycle. For example, a full charge/discharge cycle results in the Cycles register incrementing by
100%. The Cycles register accumulates fractional or whole cycles. For example, if a battery is cycled 10% x 10 times,
then it is equivalent to 100% of one cycle. The Cycles register has a full range of 0 to 655.35 cycles with a 1% LSb.
Status Register (00h)
Register Type: Special
Initial Value: 0x8082
The Status register maintains all flags related to alert thresholds and battery insertion or removal. Table 7 shows the
Status register format.
Table 7. Status (00h) Format
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Br
Smx
Tmx
Vmx
Bi
Smn
Tmn
Vmn
dSOCi
Imx
X
X
Bst
Imn
POR
X
POR (Power-On Reset): This bit is set to 1 when the device detects that a software or hardware POR event has
occurred. This bit must be cleared by system software to detect the next POR event. POR is set to 1 at power-up.
Imn and Imx (Minimum/Maximum Current-Alert Threshold Exceeded): These bits are set to 1 whenever a Current
register reading is below (Imn) or above (Imx) the IAlrtTh thresholds. These bits may or may not need to be cleared by
system software to detect the next event. See Config.IS bit description. Imn and Imx are cleared to 0 at power-up.
MAX17262
5.2μA 1-Cell Fuel Gauge with ModelGauge m5 EZ
and Internal Current Sensing
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com