Electronic Components Datasheet Search
  English  ▼

X  

SRWF10UMOD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRWF10UMOD
Description  SmartRack 5U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Structured Wiring Enclosure, Adjustable Equipment Brackets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRWF10UMOD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRWF10UMOD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRWF10UMOD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRWF10UMOD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
OVERVIEW
UPC Code
037332252876
Device Compatibility
Network Switch; Patch Panel; Server
Rack Type
Enclosure
PHYSICAL
Color
Black
Maximum Device Depth (cm)
41.91
Maximum Device Depth (in.)
16.5
Maximum Device Depth (mm)
419
Rack Height
5U
Shipping Dimensions (hwd / cm)
35.00 x 57.99 x 98.04
Shipping Dimensions (hwd / in.)
13.78 x 22.83 x 38.60
Shipping Weight (kg)
19.05
Shipping Weight (lbs.)
42.00
Unit Dimensions (hwd / in.)
35.56 x 20.00 x 10.7
Unit Dimensions (hwd / cm)
90.32 x 50.80 x 27.178
Unit Weight (lbs.)
42.0000
Unit Weight (kg)
19.05
Weight Capacity - Stationary (kg)
68
Weight Capacity - Stationary (lbs.)
150
Rack Depth
Mid; Shallow; Standard
Number of Vertical Mounting Rails
2
FEATURES & SPECIFICATIONS
Grounding Lug
YES
Built-in Cable Management
No
Extra Wide
No
STANDARDS & COMPLIANCE
Certifications
EIA-310-E; IP20 Protection Rating
Approvals
RoHS
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com