Electronic Components Datasheet Search
  English  ▼

X  

SRWF10UMOD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRWF10UMOD
Description  SmartRack 5U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Structured Wiring Enclosure, Adjustable Equipment Brackets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRWF10UMOD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRWF10UMOD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRWF10UMOD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRWF10UMOD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SmartRack 5U Low-Profile Vertical-Mount
Switch-Depth Wall-Mount Structured Wiring
Enclosure, Adjustable Equipment Brackets
MODEL NUMBER: SRWF10UMOD
Secures and organizes rack equipment, as well as other equipment not typically stored in a rack, such as
modems and routers.
Features
Rugged 5U Enclosure Ideal for Housing Regular Rack and Non-Rack Network EquipmentThis
heavy-duty steel enclosure secures and houses both regular rack equipment and other equipment not
typically mounted in an EIA-standard 19-inch rack. It is recommended for wiring closets, retail locations,
classrooms, back offices and other areas with limited floor space where you need audio/video, voice and
data infrastructure to be secure, organized and out of the way. Constructed with a durable black powder-
coated finish, the vertical equipment rack has a maximum load capacity of 150 lbs (68 kgs).
Connect a Modem, Router and Other Non-Rack Equipment Inside the EnclosureTwo pre-installed,
but removable, 1U shelves with adjustable metal equipment brackets attach to the cabinet's square
mounting holes. Just place your modem, router, firewall, switch, power block or other non-rack equipment
on the brackets, and use the included thumbscrew to secure them to the rack. Four RJ45 jacks are built
into the rack cabinet for connecting your devices to a network.
Low-Profile Design Accommodates Switches, Panels and Other Standard Rack EquipmentRemove
the two shelves to reveal two 5U areas for rack-mount equipment, one above the other, forming a total
mounting space of 10U. The enclosure extends less than seven inches from the wall, while housing
equipment up to 16.5 inches deep, including network switches and patch panels.
Keeps Important Equipment Secure and Easy to AccessThe reversible front door locks securely with a
built-in combination lock to help prevent damage, tampering or theft. The vented cabinet allows air to flow
freely and keep equipment cool. Brush-strip cable plates on both sides allow easy cable routing while
preventing dust from entering.
Easy Enclosure Deployment and Equipment InstallationThe structured wiring cabinet comes fully
assembled and ready to mount to the wall. The equipment brackets adjust easily and allow for flexibility in
storing routers and other devices.
Meets Payment Card Industry StandardsThe SRWF10UMOD provides physical equipment and media
security required for PCI DSS (Payment Card Industry Data Security Standard) compliance. This is
essential for companies that process, store and/or transmit credit card information.
Highlights
2 removable 1U shelves with
adjustable metal brackets
secure non-rack equipment
q
Houses 2 areas of 5U of rack
equipment up to 16.5 in. deep
(when 1U shelves are removed)
q
Structured wiring cabinet
extends less than 7 in. from wall
with max capacity of 150 lbs (68
kgs)
q
4 built-in RJ45 jacks connect
installed modem, router and
other equipment to network
q
Ships fully assembled for
immediate installation in back
office area or network closet
q
Applications
Simplify the installation and
maintenance of multiple network
connections by storing
equipment together
q
Organize various A/V, voice and
data network cable runs to cut
down on cord clutter
q
Protect valuable components
from damage, tampering or theft
to prevent costly downtime and
equipment replacement
q
Package Includes
SRWF10UMOD 5U Structured
Wiring Enclosure
q
(2) Pre-installed 1U shelves
q
Adjustable equipment brackets
q
Combination lock instructions
q
1 / 3


Similar Part No. - SRWF10UMOD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRWF12U38 TRIPPLITE-SRWF12U38 Datasheet
165Kb / 3P
SmartRack 12U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRWF16U38 TRIPPLITE-SRWF16U38 Datasheet
165Kb / 3P
SmartRack 16U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
More results

Similar Description - SRWF10UMOD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRWF5U TRIPPLITE-SRWF5U Datasheet
508Kb / 2P
SmartRack 5U Low-Profile Wall-Mount Rack Enclosure Cabinet - 20 in. max horizontal mounting depth
SRWF5U36 TRIPPLITE-SRWF5U36 Datasheet
510Kb / 3P
SmartRack 5U Low-Profile Wall-Mount Rack Enclosure Cabinet - 36 in. max horizontal mounting depth
SRWF2U TRIPPLITE-SRWF2U Datasheet
518Kb / 3P
SmartRack 2U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRWF2U36 TRIPPLITE-SRWF2U36 Datasheet
512Kb / 3P
SmartRack 2U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRWF4U TRIPPLITE-SRWF4U Datasheet
521Kb / 3P
SmartRack 4U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRWF6U TRIPPLITE-SRWF6U Datasheet
532Kb / 3P
SmartRack 6U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRW12U TRIPPLITE-SRW12U Datasheet
202Kb / 3P
SmartRack 12U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRW21U TRIPPLITE-SRW21U Datasheet
188Kb / 3P
SmartRack 21U Low-Profile Switch-Depth Wall-Mount Rack Enclosure Cabinet
SRWF3UDG TRIPPLITE-SRWF3UDG Datasheet
175Kb / 3P
SmartRack 3U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Structured Wiring Enclosure with Adjustable Equipment Brackets
SRWF6UMOD TRIPPLITE-SRWF6UMOD Datasheet
199Kb / 3P
SmartRack 3U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Structured Wiring Enclosure, Adjustable Equipment Brackets
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com