Electronic Components Datasheet Search
  English  ▼

X  

HCF Datasheet(PDF) 3 Page - Schurter Inc.

Part # HCF
Description  Solid State, Thin Film, SMD 3220 Fuse for High Current Application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HCF Datasheet(HTML) 3 Page - Schurter Inc.

  HCF Datasheet HTML 1Page - Schurter Inc. HCF Datasheet HTML 2Page - Schurter Inc. HCF Datasheet HTML 3Page - Schurter Inc. HCF Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuses
HCF
https://www.schurter.com /PG01_2
Circuit Protection
Derating Curves
140
130
120
110
100
90
80
70
60
50
40
-60
-40
-20
0
20
40
60
80
100 120 140 160
23
Ambient Temperature [°C]
Pre-Arcing Time
Rated Current In
1.25 x In min.
2.5 x In min.
2.5 x In max.
4.0 x In min.
4.0 x In max.
6.0 x In min.
6.0 x In max. 10.0 x In min. 10.0 x In max.
5 A - 15 A
> 1 h
10 ms
10 s
2 ms
50 ms
1 ms
10 ms
0.1 ms
2 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
110
0.0001
0.00001
All Variants
Rated Current [A]
Rated Voltage
[VAC]
Rated Voltage
[VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t
10.0 In typ.
[A²s]
Order Number
5
125
125
1)
90
14.2
1.75
l
l
3-101-056
7.5
125
125
1)
90
9.5
5.6
l
l
3-101-050
10
125
125
1)
105
8.2
11
l
l
3-101-051
15
125
125
2)
86
4.3
28
l
3-101-062
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) 200 A @ 125 VAC, p.f. > 0.999 / 1000 A @ 125 VDC, L/R < 1 ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com