Electronic Components Datasheet Search
  English  ▼

X  

HCF Datasheet(PDF) 1 Page - Schurter Inc.

Part # HCF
Description  Solid State, Thin Film, SMD 3220 Fuse for High Current Application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HCF Datasheet(HTML) 1 Page - Schurter Inc.

  HCF Datasheet HTML 1Page - Schurter Inc. HCF Datasheet HTML 2Page - Schurter Inc. HCF Datasheet HTML 3Page - Schurter Inc. HCF Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuses
HCF
https://www.schurter.com /PG01_2
Circuit Protection
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
See below:
Approvals and Compliances
IEC 60127-7 · 125VAC · 125VDC · Quick-Acting F
Description
- IEC Approved
- For high current applications
- Max. ambient temperature 125 °C
- Impermeable to potting compound used to achieve hermetic seal for
use in intrinsically safe applications according to ATEx and IECEx re-
quirements.
Unique Selling Proposition
- Sealed and robust construction
- High breaking capacity up to 1000 A
- Smallest size
Applications
- Applications where high reliability and availability is needed
- Avionics
- Medical Equipment
- Offshore
- Defense
References
Alternative: Space version
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Rated Voltage
125 VAC, 125 VDC
Rated current
5 - 15 A
Breaking Capacity
200 A - 1000 A
Characteristic
Quick-Acting F
Mounting
PCB,SMT
Admissible Ambient Air Temp. -50 °C to 125 °C
Climatic Category
55/125/56 acc. to IEC 60068-1
Material: Housing
Ceramics
Material: Terminals
Copper alloy, tin-plated
Unit Weight
0.8 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Variant Code, Certification marks
Soldering Methods
Reflow, Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-58,
Test Td
Moisture Sensitivity Level
MSL 1, J-STD-020
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: HCF
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40046597
UL Approvals
UL
UL File Number: E41599


Similar Part No. - HCF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
HCF ALPHAWIRE-HCF Datasheet
164Kb / 2P
M8 Male Front Mount M8 Receptacle
logo
Schurter Inc.
HCF SCHURTER-HCF Datasheet
314Kb / 3P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Hanwha Vision Co., Ltd....
HCF-8011RV HANWHAVISION-HCF-8011RV Datasheet
920Kb / 3P
5MP IR Wisenet HD Outdoor Fisheye Camera
logo
Eaton All Rights Reserv...
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results

Similar Description - HCF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402E AVX-F0402E Datasheet
285Kb / 18P
Accu-Guard SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
Accu-Guard, SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
Accu-Guard짰 II SMD Thin-Film Fuse
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
Thin Film Chip Fuse
logo
AVX Corporation
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
SMD Thin-Film Fuse
logo
Schurter Inc.
HCF SCHURTER-HCF Datasheet
314Kb / 3P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com