Electronic Components Datasheet Search
  English  ▼

X  

2832221 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2832221
Description  FL CAT5 PATCH 1,5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2832221 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2832221 Datasheet HTML 1Page - PHOENIX CONTACT 2832221 Datasheet HTML 2Page - PHOENIX CONTACT 2832221 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
FL CAT5 PATCH 1,5
Order No.: 2832221
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2832221
 
 
Patch cable, CAT5, assembled, 1.5 m
 
Commercial data
GTIN (EAN)
4
046356
043960
sales group
K009
Pack
10 pcs.
Customs tariff
85444210
Catalog page information
Page 203 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
11/07/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
External sheath
Outer sheath, material
LSFROH
External diameter
5.5 mm
Single wire
Individual wires per module
8
Single wire, material
Cu litz wire


Similar Part No. - 2832221

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2832205 PHOENIX-2832205 Datasheet
98Kb / 4P
FO interface module for connecting single mode (monomode) glass fibers (1300 nm) to the Factoryline Modular Managed Switch, output downwards
2832218 PHOENIX-2832218 Datasheet
132Kb / 6P
Ethernet Switch, 8 front Ethernet ports in RJ45 format, automatic detection of data transmission speed of 10 or 100 Mbps, coupling network segments with different transmission speeds, autocrossing function, DIN rail mountable
2832250 PHOENIX-2832250 Datasheet
76Kb / 3P
FL CAT5 PATCH 0,3
Feb 4, 2011
2832263 PHOENIX-2832263 Datasheet
412Kb / 7P
Patch cable - FL CAT5 PATCH 0,5
02/04/2022
2832276 PHOENIX-2832276 Datasheet
76Kb / 3P
FL CAT5 PATCH 1,0
Feb 4, 2011
More results

Similar Description - 2832221

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2832250 PHOENIX-2832250 Datasheet
76Kb / 3P
FL CAT5 PATCH 0,3
Feb 4, 2011
2832263 PHOENIX-2832263 Datasheet
412Kb / 7P
Patch cable - FL CAT5 PATCH 0,5
02/04/2022
2832276 PHOENIX-2832276 Datasheet
76Kb / 3P
FL CAT5 PATCH 1,0
Feb 4, 2011
2832289 PHOENIX-2832289 Datasheet
411Kb / 7P
Patch cable - FL CAT5 PATCH 2,0
02/04/2022
2832629 PHOENIX-2832629 Datasheet
411Kb / 7P
Patch cable - FL CAT5 PATCH 10,0
02/04/2022
2891181 PHOENIX-2891181 Datasheet
418Kb / 7P
Patch cable - FL CAT6 PATCH 0,3
02/04/2022
2744610 PHOENIX-2744610 Datasheet
117Kb / 8P
Patch panels - FL CAT5 TERMINAL BOX
09/12/2020
2832292 PHOENIX-2832292 Datasheet
88Kb / 6P
Patch cable - FL CAT5 PATCH 3,0
09/12/2020
2832580 PHOENIX-2832580 Datasheet
87Kb / 5P
Patch cable - FL CAT5 PATCH 5,0
09/12/2020
2891686 PHOENIX-2891686 Datasheet
86Kb / 5P
Patch cable - FL CAT6 PATCH 3,0
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com