Electronic Components Datasheet Search
  English  ▼

X  

2832221 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2832221
Description  FL CAT5 PATCH 1,5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2832221 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2832221 Datasheet HTML 1Page - PHOENIX CONTACT 2832221 Datasheet HTML 2Page - PHOENIX CONTACT 2832221 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FL CAT5 PATCH 1,5 Order No.: 2832221
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2832221
PHOENIX CONTACT Deutschland GmbH
Page 2 / 3
http://www.phoenixcontact.de
Feb 4, 2011
Single wire, cross section
0.14 mm²
Mechanical properties
Smallest bending radius, fixed installation
30 mm
Ambient temperature (operation)
-10 °C ... 60 °C
General data
Nominal voltage UN
150 Vrms
Accessories
Item
Designation
Description
General
2891194
FL PATCH CCODE BK
Color marking for patch cable, black
2891495
FL PATCH CCODE BN
Color marking for patch cable, brown
2891291
FL PATCH CCODE BU
Color marking for patch cable, blue
2891796
FL PATCH CCODE GN
Color marking for patch cable, green
2891699
FL PATCH CCODE GY
Color marking for patch cable, gray
2891893
FL PATCH CCODE RD
Color marking for patch cable, red
2891990
FL PATCH CCODE VT
Color marking for patch cable, purple
2891592
FL PATCH CCODE YE
Color marking for patch cable, yellow
2891424
FL PATCH GUARD
Lockable security element
2891246
FL PATCH SAFE CLIP
Security element for FL patch cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com