Electronic Components Datasheet Search
  English  ▼

X  

MSM30 Datasheet(PDF) 3 Page - Schurter Inc.

Part # MSM30
Description  Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM30 Datasheet(HTML) 3 Page - Schurter Inc.

  MSM30 Datasheet HTML 1Page - Schurter Inc. MSM30 Datasheet HTML 2Page - Schurter Inc. MSM30 Datasheet HTML 3Page - Schurter Inc. MSM30 Datasheet HTML 4Page - Schurter Inc. MSM30 Datasheet HTML 5Page - Schurter Inc. MSM30 Datasheet HTML 6Page - Schurter Inc. MSM30 Datasheet HTML 7Page - Schurter Inc. MSM30 Datasheet HTML 8Page - Schurter Inc. MSM30 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Metal Line Switches
MSM 30
https://www.schurter.com /PG70
Switches
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
DIN EN 61058-1
Switches for appliances. Part 1. General requirements
Designed according to
UL 1054
UL standard for safety special-use switches
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
MSM 30 ST
NC
NO
COM
ø 25
B
D
C
ø 34.5
2.8
ø 34
M30x1.5
0.5
20
SW32
MSM 30 LE
ø 25
NC
NO
COM
B
E
ø 34
M30x1.5
C
D
20
0.5
2.8
ø 34.5
SW32
28.8
MSM 30 PI
NC
NO
COM
ø 25
B
F
E
ø 34
M30x1.5
0.5
2.8
SW32
2.8
0.5
20
ø 34.5
28.8
D
C
MSM 30 RI Single color
NC
NO
COM
B
ø 25
G
D
C
20
0.5
E
0.5
2.8
SW32
28.8
ø 34.5
ø 34
M30x1.5
2.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com