Electronic Components Datasheet Search
  English  ▼

X  

MSM30 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSM30
Description  Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM30 Datasheet(HTML) 1 Page - Schurter Inc.

  MSM30 Datasheet HTML 1Page - Schurter Inc. MSM30 Datasheet HTML 2Page - Schurter Inc. MSM30 Datasheet HTML 3Page - Schurter Inc. MSM30 Datasheet HTML 4Page - Schurter Inc. MSM30 Datasheet HTML 5Page - Schurter Inc. MSM30 Datasheet HTML 6Page - Schurter Inc. MSM30 Datasheet HTML 7Page - Schurter Inc. MSM30 Datasheet HTML 8Page - Schurter Inc. MSM30 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Metal Line Switches
MSM 30
https://www.schurter.com /PG70
Switches
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
Single-color
RGB
RGB
See below:
Approvals and Compliances
Description
- Momentary action switch available in version: Standard (ST), with Let-
tering (LE), with Point Illumination (PI) and with Ring Illumination (RI)
- Single color or RGB illumination
- Choice from 7 colors for RGB variants
- Assembly method: clip micro-switch into the saddle, secure switch
using mounting nut
- Equipped with flat-pin plugs to permit fast connection
Unique Selling Proposition
- Attractive tactile feedback
- High quality materials
- Long life span
- Single color or homogeneous RGB illumination
Characteristics
- Housing and actuator material: high-quality stainless steel
- Variety of design options regarding size, colour, illumination, connec-
tion or lettering
- Switching voltage from 30 VDC to 250 VAC, switching current from 0.1
A to 10 A
- IP-Protection: IP67 from front side to contact area, Micro-Switch is
available in versions IP40 or IP67
- For use in harsh environments (see technical data)
References
Alternative: Push button with impulse function: PSE IV 30
Alternative: Other diameter MSM 16; MSM 19; MSM 22; MSM 24
Alternative: switch with ring illumination: PSE IV 30
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product


Similar Part No. - MSM30

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM30 SCHURTER-MSM30 Datasheet
82Kb / 7P
Snap-in switch for switches PSE, MSM and MCS 30
MSM30 SCHURTER-MSM30 Datasheet
911Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
logo
Littelfuse
MSM30.7W6 LITTELFUSE-MSM30.7W6 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
StarHope
MSM300 SPSEMI-MSM300 Datasheet
505Kb / 3P
Surface Mount Devices
logo
Schurter Inc.
MSM30DPPI SCHURTER-MSM30DPPI Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
More results

Similar Description - MSM30

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMCS16 SCHURTER-MSMCS16 Datasheet
578Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM30 SCHURTER-MSM30 Datasheet
911Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM22 SCHURTER-MSM22 Datasheet
942Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM19 SCHURTER-MSM19 Datasheet
914Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MCSES18 SCHURTER-MCSES18 Datasheet
378Kb / 3P
Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
MSM16 SCHURTER-MSM16 Datasheet
648Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MCSES18 SCHURTER-MCSES18_V02 Datasheet
379Kb / 3P
Metal Switch Medium Stroke, Switching Voltage up to 36 VDC
05.01.2022
MSM19 SCHURTER-MSM19_V02 Datasheet
912Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
08.07.2021
MSM22 SCHURTER-MSM22_V02 Datasheet
1Mb / 10P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
MSMCS16 SCHURTER-MSMCS16_V02 Datasheet
560Kb / 7P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com