Electronic Components Datasheet Search
  English  ▼

X  

MAX14900DEVKIT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14900DEVKIT
Description  Stand-Alone Operation in Parallel Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14900DEVKIT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14900DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14900E
MAX14900E Evaluation Kit
Table 1. Jumper Description (J3–J32)
JUMPER
SHUNT POSITION
DESCRIPTION
J3
LEFT
Do not use
RIGHT
VL powered by TP33 (VL)
OPEN*
VL powered by the 5V regulator (see J16)
J4
LEFT
Do not use
RIGHT
SCLK driven by signal on TP34 (SCLK)
OPEN*
SCLK not driven
J5
LEFT
Do not use
RIGHT
SDI driven by signal on TP35 (MOSI)
OPEN*
SDI not driven
J6
LEFT
Do not use
RIGHT
SDO drives signal on TP36 (MISO)
OPEN*
SDO not driven
J7
LEFT
Do not use
RIGHT
CS driven by signal on TP37 (CS)
OPEN*
CS not driven
J8
SHUNTED
Outputs TP11 (O1) and TP13 (O2) connected
OPEN*
Outputs TP11 (O1) and TP13 (O2) separate
J9
SHUNTED
Outputs TP20 (O5) and TP23 (O6) connected
OPEN*
Outputs TP20 (O5) and TP23 (O6) separate
J10
SHUNTED
Outputs TP13 (O2) and TP15 (O3) connected
OPEN*
Outputs TP13 (O2) and TP15 (O3) separate
J11
SHUNTED
Outputs TP23 (O6) and TP25 (O7) connected
OPEN*
Outputs TP23 (O6) and TP25 (O7) separate
J12
SHUNTED
Outputs TP15 (O3) and TP18 (O4) connected
OPEN*
Outputs TP15 (O3) and TP18 (O4) separate
J13
SHUNTED
Outputs TP25 (O7) and TP28 (O8) connected
OPEN*
Outputs TP25 (O7) and TP28 (O8) separate
J14
SHUNTED
TP1 (IN1) pulled to VL
OPEN*
TP1 (IN1) internally pulled weakly to ground
J15
SHUNTED*
EN pulled to VL
OPEN
EN internally pulled weakly to ground
J16
SHUNTED*
Power VL from the built-in 5V regulator
OPEN
Power VL according to J3
J17
SHUNTED
TP3 (IN3) pulled to VL
OPEN*
TP3 (IN3) internally pulled weakly to ground
J18
SHUNTED
SRIAL pulled to VL
OPEN*
SRIAL internally pulled weakly to ground
J19
SHUNTED
TP7 (IN7) pulled to VL
OPEN*
TP7 (IN7) internally pulled weakly to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com