Electronic Components Datasheet Search
  English  ▼

X  

MAX14900DEVKIT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14900DEVKIT
Description  Stand-Alone Operation in Parallel Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14900DEVKIT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14900DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX14900E
MAX14900E Evaluation Kit
Table 1. Jumper Description (J3–J32) (continued)
Table 2. Test Point Description
*Default position.
JUMPER
SHUNT POSITION
DESCRIPTION
J20
SHUNTED
FLTR pulled to VL
OPEN*
FLTR internally pulled weakly to ground
J21
SHUNTED
TP8 (IN8) pulled to VL
OPEN*
TP8 (IN8) internally pulled to ground
J22
SHUNTED*
PUSHPL pulled to VL
OPEN
PUSHPL internally pulled to ground
J23
LEFT
FAULT output pulled to VL with 10KΩ
RIGHT*
FAULT output state indicated by LED1 (FAULT)
OPEN
FAULT output not pulled up
J24
LEFT
IN4 pulled to VL with 10KΩ
RIGHT
IN4 state indicated by LED2 (CERR)
OPEN*
IN4 not pulled up
J25-J32
SHUNTED
Do not use
OPEN*
Do not use
TEST POINT
DESCRIPTION
TP1 (IN1)
Drive IN1 when in parallel mode
TP2 (IN2)
Drive IN2 when in parallel mode
TP3 (IN3)
Drive IN3 when in parallel mode
TP4 (IN4)
Drive IN4 when in parallel mode
TP5 (IN5)
Drive IN5 when in parallel mode
TP6 (IN6)
Drive IN6 when in parallel mode
TP7 (IN7)
Drive IN7 when in parallel mode
TP8 (IN8)
Drive IN8 when in parallel mode
TP9 (GND)
Ground attach point
TP10 (GND)
Ground attach point
TP11 (O1)
Connect a load to O1 here
TP12 (GND)
Connect the O1 return here
TP13 (O2)
Connect a load to O2 here
TP14 (GND)
Connect the O2 return here
TP15 (O3)
Connect a load to O3 here
TP16 (GND)
Connect the O3 return here
TP17 (SRIAL)
Drive SRIAL here
TP18 (O4)
Connect a load to O4 here
TP19 (GND)
Connect the O4 return here
TP20 (O5)
Connect a load to O5 here
TEST POINT
DESCRIPTION
TP21 (GND)
Connect the O5 return here
TP22 (PUSHPL)
Drive PUSHPL here (see also J22)
TP23 (O6)
Connect a load to O6 here
TP24 (GND)
Connect the O6 return here
TP25 (O7)
Connect a load to O7 here
TP26 (GND)
Connect the O7 return here
TP27 (FLTR)
Drive FLTR here (see also J20)
TP28 (O8)
Connect a load to O8 here
TP29 (GND)
Connect the O8 return here
TP30 (EN)
Drive EN here (see also J15)
TP31 (FAULT)
Indicate the state of FAULT here
TP32 (GND)
Digital interface ground attach point
TP33 (VL)
Connect an external VL supply here
(see also J3 and J6)
TP34 (SCLK)
Drive optional SPI clock here
TP35 (MOSI)
Drive optional SPI MOSI here
TP36 (MISO)
Receive optional SPI MISO here
TP37 (CS)
Drive optional SPI CS here
TP38 (GND)
SPI interface ground attach point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com