Electronic Components Datasheet Search
  English  ▼

X  

3048357 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3048357
Description  Fuse modular terminal block - USEN 14 N
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3048357 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3048357 Datasheet HTML 1Page - PHOENIX CONTACT 3048357 Datasheet HTML 2Page - PHOENIX CONTACT 3048357 Datasheet HTML 3Page - PHOENIX CONTACT 3048357 Datasheet HTML 4Page - PHOENIX CONTACT 3048357 Datasheet HTML 5Page - PHOENIX CONTACT 3048357 Datasheet HTML 6Page - PHOENIX CONTACT 3048357 Datasheet HTML 7Page - PHOENIX CONTACT 3048357 Datasheet HTML 8Page - PHOENIX CONTACT 3048357 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/pi/products/3048357
09/12/2020   Page 1 / 10
Fuse modular terminal block - USEN 14 N - 3048357
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fuse terminal blocks for NEOZED fuse inserts
Your advantages
 The NEOZED® system features an impressive high current carrying capacity
 These fuse terminal blocks are designed for NEOZED® fuses
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4017918976262
Technical data
General
Number of levels
1
Number of connections
2
Nominal cross section
35 mm²
Color
light gray
Insulating material
Duroplast
Flammability rating according to UL 94
V0
Maximum power dissipation for nominal condition
4.06 W
Fuse
D 01 / E 14
Fuse type
Screw cartridge
Rated surge voltage
6 kV
Degree of pollution
2
Overvoltage category
III
Insulating material group
IIIa
Maximum load current
16 A (with 35 mm² conductor cross section)


Similar Part No. - 3048357

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
30483 GAMEWELL-FCI-30483 Datasheet
61Kb / 2P
Fire Fighter Phone Accessories
logo
PHOENIX CONTACT
3048315 PHOENIX-3048315 Datasheet
74Kb / 6P
Feed-through terminal block - UK 35 BK
3048328 PHOENIX-3048328 Datasheet
188Kb / 18P
Feed-through terminal block - UK 35 RD
3048360 PHOENIX-3048360 Datasheet
108Kb / 5P
USEN 18 N
3048386 PHOENIX-3048386 Datasheet
127Kb / 6P
UK 10,3-HESI N
More results

Similar Description - 3048357

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
Fuse modular terminal block
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
Fuse modular terminal block - UKK5 HESILA 250(5X20)
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
Fuse modular terminal block - UKK5 HESILED24(6,3X32)
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
Fuse modular terminal block - USIG BU
3000539 PHOENIX-3000539 Datasheet
71Kb / 5P
Fuse modular terminal block - UK 5-HESI N
3000540 PHOENIX-3000540 Datasheet
80Kb / 6P
Fuse modular terminal block - UK 5-HESILED 24 N
3000542 PHOENIX-3000542 Datasheet
79Kb / 6P
Fuse modular terminal block - UK 5-HESILA 250 N
3048687 PHOENIX-3048687 Datasheet
121Kb / 10P
Fuse modular terminal block - UK 10,3-HESILED N 72 3POL
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
Fuse modular terminal block - UK-SI BU
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
Fuse modular terminal block
Dec 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com