Electronic Components Datasheet Search
  English  ▼

X  

3048357 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3048357
Description  Fuse modular terminal block - USEN 14 N
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3048357 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3048357 Datasheet HTML 1Page - PHOENIX CONTACT 3048357 Datasheet HTML 2Page - PHOENIX CONTACT 3048357 Datasheet HTML 3Page - PHOENIX CONTACT 3048357 Datasheet HTML 4Page - PHOENIX CONTACT 3048357 Datasheet HTML 5Page - PHOENIX CONTACT 3048357 Datasheet HTML 6Page - PHOENIX CONTACT 3048357 Datasheet HTML 7Page - PHOENIX CONTACT 3048357 Datasheet HTML 8Page - PHOENIX CONTACT 3048357 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/pi/products/3048357
09/12/2020   Page 2 / 10
Fuse modular terminal block - USEN 14 N - 3048357
Technical data
General
Nominal current IN
16 A (the current is determined by the fuse used)
Nominal voltage UN
400 V (the voltage is determined by the fuse used)
Open side panel
No
Shock protection test specification
DIN EN 50274 (VDE 0660-514):2002-11
Back of the hand protection
guaranteed
Finger protection
guaranteed
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
165 °C
Dimensions
Width
27 mm
Length
82.7 mm
Pitch
27 mm
Height NS 35/7,5
71.9 mm
Height NS 35/15
79.4 mm
Ambient conditions
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Connection data
Conductor cross section solid min.
1.5 mm²
Conductor cross section solid max.
35 mm²
Conductor cross section flexible min.
1.5 mm²
Conductor cross section flexible max.
35 mm²
Conductor cross section AWG min.
16
Conductor cross section AWG max.
2
Conductor cross section flexible, with ferrule without plastic sleeve min. 1.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
1.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
25 mm²
Cross section with insertion bridge, solid max.
25 mm²
Cross section with insertion bridge, stranded max.
25 mm²
2 conductors with same cross section, solid min.
1.5 mm²
2 conductors with same cross section, solid max.
10 mm²
2 conductors with same cross section, stranded min.
1.5 mm²
2 conductors with same cross section, stranded max.
10 mm²
Two conductors with the same cross section stranded, with ferrule and
without plastic sleeve, minimum
1.5 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com