Electronic Components Datasheet Search
  English  ▼

X  

SP828EK Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP828EK
Description  High Efficiency Voltage Inverters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP828EK Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP828EK Datasheet HTML 8Page - Sipex Corporation SP828EK Datasheet HTML 9Page - Sipex Corporation SP828EK Datasheet HTML 10Page - Sipex Corporation SP828EK Datasheet HTML 11Page - Sipex Corporation SP828EK Datasheet HTML 12Page - Sipex Corporation SP828EK Datasheet HTML 13Page - Sipex Corporation SP828EK Datasheet HTML 14Page - Sipex Corporation SP828EK Datasheet HTML 15Page - Sipex Corporation SP828EK Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
SP828DS/03
SP828/829 High Efficiency Voltage Inverters
© Copyright 1999 Sipex Corporation
OUT
SP828
SP829
+VIN
C1
5
5
3
C2
C1+
C1-
GND
2
4
OUT
SP828
SP829
IN
C1
1
5
3
C2
C1+
C1-
GND
2
4
OUT
SP828
SP829
IN
C1
1
3
5
C2
C1+
C1-
GND
2
4
VOUT
“n”
“1”
“2”
VOUT = -n x VIN
where VOUT = output voltage,
VIN = input voltage, and
n = the total number of devices connected.
IN
Figure 27. SP828/829 Devices Cascaded to Increase Output Voltage
OUT
SP828
SP829
+VIN
C1
1
5
3
C1+
C1-
GND
2
4
OUT
SP828
SP829
IN
C1
1
5
3
C1+
C1-
GND
2
4
OUT
SP828
SP829
IN
C1
1
5
3
C2 x n
C1+
C1-
GND
2
4
RL
“n”
“1”
“2”
where VOUT = output voltage,
VIN = input voltage,
RTOT = total resistance of the devices connected in parallel,
ROUT = the output resistance of a single device, and
n = the total number of devices connected in parallel.
IN
RTOT = R
OUT
n
VOUT = -VIN
VOUT
Figure 26. SP828/829 Devices Connected in Parallel to Reduce Total Output Resistance
T
R
A
P
X
E
P
I
S
T
R
A
P
X
E
P
I
S
R
E
B
M
U
N
R
E
R
U
T
C
A
F
U
N
A
MR
E
B
M
U
N
T
R
A
P
/
E
C
N
A
T
I
C
A
P
A
C
E
G
A
T
L
O
V
R
S
E
X
A
M
z
H
k
0
0
1
@
E
G
A
K
C
A
P
8
2
8
P
S
X
V
A5
2
0
*
6
0
1
C
S
P
T0
1
µ
V
5
2
/
F5
.
0
Ω
C
e
s
a
C
M
S
8
2
8
P
S
E
U
G
A
R
P
S5
3
0
X
6
0
1
D
3
9
50
1
µ
V
5
3
/
F3
.
0
Ω
D
e
s
a
C
M
S
8
2
8
P
S
T
E
M
E
K0
2
0
*
6
0
1
C
4
9
4
T0
1
µ
V
0
2
/
F5
.
0
Ω
C
e
s
a
C
M
S
8
2
8
P
S
N
O
C
S
O
-
O
Y
N
A
SC
6
1
0
0
X
6
0
1
C
S
4
90
1
µ
V
6
1
/
F5
1
.
0
Ω
C
e
s
a
C
l
a
i
d
a
R
9
2
8
P
S
T
E
M
E
K0
2
0
*
5
3
3
B
4
9
4
T3
.
3
µ
V
0
2
/
F5
.
1
Ω
B
e
s
a
C
M
S
9
2
8
P
S
E
U
G
A
R
P
S5
3
0
0
X
5
3
3
D
5
9
53
.
3
µ
V
5
3
/
F0
.
2
Ω
C
e
s
a
C
M
S
9
2
8
P
S
N
O
C
S
O
-
O
Y
N
A
SA
6
1
0
0
X
5
3
3
C
S
4
93
.
3
µ
V
6
1
/
F5
3
.
0
Ω
A
e
s
a
C
l
a
i
d
a
R
Table 1. Suggested Low ESR Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com