Electronic Components Datasheet Search
  English  ▼

X  

SP828EK Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP828EK
Description  High Efficiency Voltage Inverters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP828EK Datasheet(HTML) 5 Page - Sipex Corporation

  SP828EK Datasheet HTML 1Page - Sipex Corporation SP828EK Datasheet HTML 2Page - Sipex Corporation SP828EK Datasheet HTML 3Page - Sipex Corporation SP828EK Datasheet HTML 4Page - Sipex Corporation SP828EK Datasheet HTML 5Page - Sipex Corporation SP828EK Datasheet HTML 6Page - Sipex Corporation SP828EK Datasheet HTML 7Page - Sipex Corporation SP828EK Datasheet HTML 8Page - Sipex Corporation SP828EK Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
SP828DS/03
SP828/829 High Efficiency Voltage Inverters
© Copyright 1999 Sipex Corporation
Figure 7. Output Current vs. Capacitance for the SP828
Figure 8. Output Current vs. Capacitance for the SP829
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +5.0V, C1 = C2 = C3 = 10µF for SP828, C1 = C2 = C3 = 3.3µF for SP829, and TAMB = 25
oC unless
otherwise noted. The SP828/829 devices use the circuit found in
Figure 19 when obtaining the following typical
performance characteristics (unless otherwise noted).
70
60
50
40
30
20
10
0
0
10
20
Capacitance (
µF)
30
40
VIN = 5.0V;
VOUT = -3.8V
VIN = 3.3V;
VOUT = -2.5V
VIN = 2V;
VOUT = -1.5V
700
600
500
400
300
200
100
0
0
10
20
Capacitance (
µF)
30
40
VIN = 5.0V;
VOUT = -3.8V
VIN = 3.3V;
VOUT = -2.5V
VIN = 2V;
VOUT = -1.5V
40
35
30
25
20
15
10
5
0
0
10
20
Capacitance (
µF)
30
40
VIN = 5.0V;
VOUT = -3.8V
VIN = 3.3V;
VOUT = -2.5V
VIN = 2V;
VOUT = -1.5V
300
250
200
150
100
50
0
0
10
20
Capacitance (
µF)
30
40
VIN = 2V;
VOUT = -1.5V
VIN = 3.3V;
VOUT = -2.5V
VIN = 5.0V;
VOUT = -3.8V
Figure 9. Output Voltage Ripple vs. Capacitance
for the SP828
Figure 10. Output Voltage Ripple vs. Capacitance
for the SP829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com