Electronic Components Datasheet Search
  English  ▼

X  

FS-LB-I Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FS-LB-I
Description  Surge Protection Barrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FS-LB-I Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FS-LB-I Datasheet HTML 1Page - Pepperl+Fuchs Inc. FS-LB-I Datasheet HTML 2Page - Pepperl+Fuchs Inc. FS-LB-I Datasheet HTML 3Page - Pepperl+Fuchs Inc. FS-LB-I Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surge Protection Barrier
FS-LB-I
< 1-channel
< Field mount module
< M20 x 1.5 thread
< Stainless steel housing
< Max. surge current (8/20 µs) 20 kA
< 500 V isolation from earth
< Suitable for hazardous area
< Up to SIL 3 acc. to IEC/EN 61508
Function
This Surge Protection Barrier limits induced transients of different origin (e. g. lightning stroke, switching impulse, etc.). This is achieved by
diverting the transient current to ground and limiting the signal line voltage to a safe level for the duration of the surge.
This barrier provides 85 V line-to-line and 500 V line-to-ground clamping voltage for the protected instruments. It also protects instruments that
have less than 500 V isolation-to-ground.
It is installed in an available conduit or cable gland opening like those found on most process transmitters.
For additional information, refer to the manual and www.pepperl-fuchs.com.
Note: Surge Protection Barriers must always be connected to a solid and effective ground and be at the same equipotential level as the
instrument it is protecting. The ground system must comply with all applicable regulations.
Connection
rd
bk
Zone 1, 2
Div. 1, 2
GND gn/ye
Technical Data
General specifications
Number of protected signal lines
1
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 3
Supply
Rated voltage
Ur
≤ 48 V
Rated current
Ir
≤ 250 mA
Leakage current
≤ 5 µA
On-state voltage
≤ 85 V
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - FS-LB-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS-002 ETC2-FS-002 Datasheet
128Kb / 2P
FUEL SENDERS
logo
TE Connectivity Ltd
FS-01 TEC-FS-01 Datasheet
130Kb / 2P
FS Series Flow Sensor
FS-02 TEC-FS-02 Datasheet
129Kb / 2P
FS Series Flow Sensor
06/2017
FS-05 TEC-FS-05 Datasheet
133Kb / 2P
FS Series Flow Sensor
06/2017
logo
TOKYO KEISO CO.,LTD.
FS-100 KEISO-FS-100 Datasheet
152Kb / 8P
FS-100
Sep 2022
More results

Similar Description - FS-LB-I

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FP-LB-I PF-FP-LB-I Datasheet
641Kb / 4P
Surge Protection Barrier
M-LB-2142.SP PF-M-LB-2142.SP Datasheet
1Mb / 4P
Surge Protection Barrier
P-LB-1.A.13 PF-P-LB-1.A.13 Datasheet
799Kb / 4P
Surge Protection Barrier
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
Surge Protection Barrier
P-LB-2.B.1245 PF-P-LB-2.B.1245 Datasheet
823Kb / 4P
Surge Protection Barrier
K-LB-1.30G PF-K-LB-1.30G Datasheet
667Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-1.6 PF-K-LB-1.6 Datasheet
666Kb / 4P
Surge Protection Barrier
2022-01-12
M-LB-1.150.D PF-M-LB-1.150.D Datasheet
496Kb / 3P
Surge Protection Barrier
2022-01-13
M-LB-4.275TNS.D PF-M-LB-4.275TNS.D Datasheet
799Kb / 3P
Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com