Electronic Components Datasheet Search
  English  ▼

X  

FS-LB-I Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FS-LB-I
Description  Surge Protection Barrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FS-LB-I Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FS-LB-I Datasheet HTML 1Page - Pepperl+Fuchs Inc. FS-LB-I Datasheet HTML 2Page - Pepperl+Fuchs Inc. FS-LB-I Datasheet HTML 3Page - Pepperl+Fuchs Inc. FS-LB-I Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Ground insulation
≥ 500 V breakdown voltage
Electrical specifications
Total discharge current (8/20 µs)
Itotal
20 kA
Conformity
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-30 ... 60 °C (-22 ... 140 °F) For usage in hazardous area observe EC-type examination
certificate.
Mechanical specifications
Housing material
Stainless steel 1.4401 (AISI 316)
surface all over polished
Degree of protection
IP67
Cable
Length
L
0.3 m
Mass
approx. 200 g
Dimensions
AF22 x 77 mm (0.9 x 3 inch)
Mounting
M20 x 1.5 thread
Data for application in connection with hazardous areas
EU-type examination certificate
PTB 00 ATEX 2175
Marking
1
II 2G EEx ia IIC T6
Voltage
Ui
50 V
Maximum leakage current
10 kA line to ground (common), 5 kA line to line (differential) in accordance to IEC 60-2
Nominal response time
Symmetrical
1 ns
Asymmetric
100 ns
Bandwidth
≥ 40 kHz
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012
International approvals
CSA approval
Control drawing
116-0187 (cCSAus)
General information
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
Surge Protection Barrier
FS-LB-I
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com