Electronic Components Datasheet Search
  English  ▼

X  

MAX11284 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11284
Description  Dual 24-Bit, Low-Power, High-SNR, 4ksps Delta-Sigma ADCs with Integrated PGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11284 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11284 Datasheet HTML 17Page - Maxim Integrated Products MAX11284 Datasheet HTML 18Page - Maxim Integrated Products MAX11284 Datasheet HTML 19Page - Maxim Integrated Products MAX11284 Datasheet HTML 20Page - Maxim Integrated Products MAX11284 Datasheet HTML 21Page - Maxim Integrated Products MAX11284 Datasheet HTML 22Page - Maxim Integrated Products MAX11284 Datasheet HTML 23Page - Maxim Integrated Products MAX11284 Datasheet HTML 24Page - Maxim Integrated Products MAX11284 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Power-On Reset
The ADCs contain power-on reset (POR) supply-
monitoring circuitry on both the digital supply (DVDD) and
the positive analog supply (AVDD). The POR circuitry
ensures proper device default conditions after either a
digital or analog power-sequencing event.
The digital POR trigger threshold is typically 1.2V with
respect to VDGND and has 100mV of hysteresis. The
analog POR trigger threshold is typically 1.25V with
respect to VAVSS and has 100mV of hysteresis. Both
POR circuits have low-pass filters that prevent high-
frequency supply glitches from triggering the POR.
Power-Down Modes
The ADCs can be powered down through the IMPD bit in
the command byte (see Table 10). The PD[1:0] bits of the
CTRL1 register are used to select the power-down state.
The SPI interface remains fully functional in all power-
down states.
Sleep Mode: Sleep mode can be set by writing 01 to the
PD[1:0] bits. In this state, the internal subregulator that
powers the digital core is powered off. This is the lowest
power state for the device.
Standby Mode: Standby mode is set by writing 10 to the
PD[1:0] bits. In this mode the device is not active, but
the internal subregulator is still powered on. This allows
conversions to start immediately after receiving a start
conversion command (see Table 10).
*VIN = 0V. VAVDD = 3.6V, VAVSS = 0V, VREF = 3.6V, TA = +25°C, external clock. This table is not production tested and is based on
characterization data.
Table 6. Continuous Mode Input-Referred Noise (µVRMS) vs.
Data Rate and PGA Gain with Sinc Filter*
DATA
RATE
(sps)
BYPASS BUFFER
PGA GAIN SETTING
1
2
4
8
16
32
64
128
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
0.4875
0.283
0.270
0.307 0.251 0.127 0.137 0.066 0.071 0.032 0.042 0.019 0.023 0.011 0.015 0.011 0.011 0.008 0.012
0.975
0.271
0.280
0.261 0.259 0.139 0.139 0.066 0.070 0.035 0.042 0.022 0.025 0.013 0.015 0.010 0.012 0.008 0.012
1.95
0.328
0.288
0.265 0.290 0.140 0.148 0.074 0.084 0.043 0.046 0.024 0.024 0.015 0.017 0.011 0.015 0.011 0.016
3.9
0.342
0.339
0.332 0.346 0.168 0.182 0.092 0.094 0.047 0.053 0.029 0.031 0.018 0.023 0.014 0.020 0.013 0.020
7.8
0.429
0.435
0.416 0.415 0.213 0.227 0.112 0.117 0.060 0.062 0.036 0.039 0.024 0.030 0.018 0.027 0.018 0.026
15.625
0.539
0.563
0.528 0.532 0.268 0.264 0.140 0.145 0.072 0.079 0.046 0.053 0.031 0.041 0.026 0.038 0.024 0.036
31.25
0.696
0.724
0.669 0.723 0.354 0.359 0.179 0.189 0.097 0.106 0.059 0.072 0.042 0.057 0.034 0.053 0.033 0.051
62.5
0.930
0.961
0.928 0.940 0.472 0.479 0.248 0.258 0.135 0.146 0.082 0.097 0.056 0.081 0.049 0.074 0.047 0.074
125
1.266
1.299
1.258 1.301 0.657 0.660 0.349 0.349 0.191 0.204 0.120 0.145 0.094 0.125 0.086 0.115 0.083 0.112
250
1.751
1.777
1.754 1.767 0.917 0.911 0.476 0.483 0.268 0.292 0.172 0.201 0.132 0.172 0.088 0.159 0.114 0.163
500
2.475
2.430
2.440 2.460 1.236 1.260 0.672 0.663 0.363 0.392 0.227 0.276 0.181 0.229 0.118 0.222 0.154 0.213
1,000
3.323
3.320
3.304 3.348 1.712 1.727 0.872 0.877 0.481 0.511 0.306 0.355 0.227 0.305 0.151 0.286 0.197 0.279
2,000
4.160
4.189
4.193 4.307 2.160 2.161 1.121 1.105 0.603 0.645 0.373 0.454 0.285 0.378 0.183 0.356 0.236 0.345
4,000
4.716
4.716
4.694 4.769 2.381 2.431 1.210 1.214 0.688 0.729 0.404 0.499 0.333 0.409 0.211 0.408 0.253 0.381
8,000
6.700
6.612
6.688 6.650 3.513 3.451 1.754 1.811 0.974 1.056 0.604 0.709 0.441 0.586 0.288 0.560 0.352 0.541
16,000
10.010
10.256 10.038 10.395 5.154 5.157 2.603 2.635 1.428 1.566 0.880 1.048 0.585 0.842 0.406 0.761 0.482 0.751
MAX11284
Dual 24-Bit, Low-Power, High-SNR,
4ksps Delta-Sigma ADCs with Integrated PGAs
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com