Electronic Components Datasheet Search
  English  ▼

X  

MAX11284 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11284
Description  Dual 24-Bit, Low-Power, High-SNR, 4ksps Delta-Sigma ADCs with Integrated PGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11284 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11284 Datasheet HTML 1Page - Maxim Integrated Products MAX11284 Datasheet HTML 2Page - Maxim Integrated Products MAX11284 Datasheet HTML 3Page - Maxim Integrated Products MAX11284 Datasheet HTML 4Page - Maxim Integrated Products MAX11284 Datasheet HTML 5Page - Maxim Integrated Products MAX11284 Datasheet HTML 6Page - Maxim Integrated Products MAX11284 Datasheet HTML 7Page - Maxim Integrated Products MAX11284 Datasheet HTML 8Page - Maxim Integrated Products MAX11284 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
(VAVDD = VAVDD_A = VAVDD_B = 2.7V, VAVSS = VAVSS_A = VAVSS_B = 0V, VDVDD = VDVDD_A = VDVDD_B = 2.0V, VREFP_A = VREFP
= VREFP_B = 2.5V, VREFN = VREFN_A = VREFN_B = 0V; fDATA = 1000sps, External Clock = 2.048MHz; Continuous conversion mode
(SCYCLE = 0); PGA maximum output is 300mV below AVDD and minimum output is 300mV above AVSS, TA = -40°C to 85°C, unless
otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AIN Common-Mode Input
Current
Buffer
±125
nA
PGA
±5
AIN Differential Mode Input
Conductance
GAINDIFF
Bypass
±6
µA/V
AIN Differential Mode Input
Current
Buffer
±5
nA
PGA
±0.1
REF Differential Input
Conductance
GREFDIFF
Active conversion state
±46.5
µA/V
REF Input Current at Power
Down
IREF_PD
Sleep and standby states
±2.5
µA
AIN Input Capacitance
CIN
Buffer disabled
3
pF
REF Input Capacitance
CREF
Buffer disabled
4.5
pF
Input and REF Sampling
Rate
fS
1.024
MHz
VREFP – VREFN Voltage
Range
VRABSRNG
(Note 5)
VAVDD
V
REF Voltage Range
VREF
2.0
VAVDD
V
DIGITAL FILTER RESPONSE (Note 3)
SINC FILTER
Bandwidth (-3dB)
BWSINC
0.203
fDATA
Settling Time (Latency)
5
1/fDATA
FIR FILTER
Passband Ripple
-0.003
+0.003
dB
Passband (-0.01dB)
0.375
0.375
fDATA
Bandwidth (-3dB)
BWFIR
0.413
0.413
fDATA
High-Pass Filter Corner
fHP
IIR filter; CTRL3 FILT bits = 11
0.000375
0.1
fDATA
Stopband Attenuation
135
dB
Stopband
fSTOP
0.5
fDATA
Group Delay
Minimum phase filter
5
1/fDATA
Linear phase filter
31
Settling Time (Latency)
Minimum phase filter
10
1/fDATA
Linear phase filter
62
MAX11284
Dual 24-Bit, Low-Power, High-SNR,
4ksps Delta-Sigma ADCs with Integrated PGAs
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com