Electronic Components Datasheet Search
  English  ▼

X  

PMS Datasheet(PDF) 3 Page - Schurter Inc.

Part # PMS
Description  Push button for PCB mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PMS Datasheet(HTML) 3 Page - Schurter Inc.

  PMS Datasheet HTML 1Page - Schurter Inc. PMS Datasheet HTML 2Page - Schurter Inc. PMS Datasheet HTML 3Page - Schurter Inc. PMS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Momentary Action Switches
PMS
https://www.schurter.com /PG09
Switches
Diagrams
Circuit Diagram SMS/PMS
All Variants
IP Protection Class Front Side
Terminal
Type
Overall height / Color
Order Number
IP40
-
Short actuator
-
1241.1602
IP67
-
Short actuator
-
1241.1608
IP40
-
Long actuator
-
1241.1614
█
IP67
-
Long actuator
-
1241.1620
█
IP40
-
Height variable
8.35 mm / yellow
1241.1624.1
█
IP40
-
Height variable
14.35 mm / yellow + black
1241.1624.11
IP40
-
Height variable
9.10 mm / orange
1241.1624.2
IP40
-
Height variable
15.10 mm / orange + black
1241.1624.21
IP40
-
Height variable
9.85 mm / red
1241.1624.3
█
IP40
-
Height variable
15.85 mm / red + black
1241.1624.31
IP40
-
Height variable
10.60 mm / blue
1241.1624.4
IP40
-
Height variable
16.60 mm / blue + black
1241.1624.41
IP40
-
Height variable
11.35 mm / green
1241.1624.5
IP40
-
Height variable
17.35 mm / green + black
1241.1624.51
█
IP40
-
Height variable
12.10 mm / grey
1241.1624.6
IP40
-
Height variable
18.10 mm / grey + black
1241.1624.61
IP40
-
Height variable
12.85 mm / black
1241.1624.7
IP40
-
Height variable
18.85 mm / black + black
1241.1624.71
IP40
-
Height variable
13.60 mm / white
1241.1624.8
IP40
-
Height variable
19.60 mm / white + black
1241.1624.81
IP67
-
Height variable
8.35 mm / yellow
1241.1625.1
IP67
-
Height variable
14.35 mm / yellow + black
1241.1625.11
█
IP67
-
Height variable
9.10 mm / orange
1241.1625.2
IP67
-
Height variable
15.10 mm / orange + black
1241.1625.21
IP67
-
Height variable
9.85 mm / red
1241.1625.3
IP67
-
Height variable
15.85 mm / red + black
1241.1625.31
IP67
-
Height variable
10.60 mm / blue
1241.1625.4
█
IP67
-
Height variable
16.60 mm / blue + black
1241.1625.41
IP67
-
Height variable
11.35 mm / green
1241.1625.5
IP67
-
Height variable
17.35 mm / green + black
1241.1625.51
IP67
-
Height variable
12.10 mm / grey
1241.1625.6
IP67
-
Height variable
18.10 mm / grey + black
1241.1625.61
IP67
-
Height variable
12.85 mm / black
1241.1625.7
IP67
-
Height variable
18.85 mm / black + black
1241.1625.71
IP67
-
Height variable
13.60 mm / white
1241.1625.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com