Electronic Components Datasheet Search
  English  ▼

X  

PMS Datasheet(PDF) 1 Page - Schurter Inc.

Part # PMS
Description  Push button for PCB mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PMS Datasheet(HTML) 1 Page - Schurter Inc.

  PMS Datasheet HTML 1Page - Schurter Inc. PMS Datasheet HTML 2Page - Schurter Inc. PMS Datasheet HTML 3Page - Schurter Inc. PMS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Momentary Action Switches
PMS
https://www.schurter.com /PG09
Switches
Push button for PCB mounting
PMS IP67
PMS Variable height, IP40
See below:
Approvals and Compliances
Description
- Switches are possible with different heights
- High-quality gold contacts
- Solder terminals
Unique Selling Proposition
- Reliable tactile feedback on input
- Simple assembly
- Long life time
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product
Technical Data
Electrical Data
Switching Voltage
30 VAC/ 42 VDC
Switching Current
50 mA
Rated Switching Capacity
0.12 W
Lifetime
> 1 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 50 m
Ω
< 150 m
Ω after lifetime
Insulation Resistance
> 100 M
Ω
Duration of Bounce
typ. 0.15 ms
Mechanical Data
Actuating Force
IP40 : 1.8 ± 0.4 N
IP67 : 2.2 ± 0.4 N
Actuating Travel
0.35 ± 0.1 mm
End Stop Strength
> 100 N
Lifetime
> 1 million actuations
Climatical Data
Operating Temperature
-40 °C to 85 °C
Storage Temperature
-40 °C to 85 °C
IP-Protection
IP40 / IP67
Soldering Data
Soldering Methods
Wave
Solderability
245 °C / 5 sec (IEC 60068-2-58 Test Td)
Resistance to Soldering Heat
260 °C / 10 sec (IEC 60068-2-58 Test
Td)
Material
Sealing membrane IP67
VMQ
Contact Material Gold
CuZn37 1.5
μm Ni 0.5 μm Au
Terminals
CuZn37 SnNi
Socket
Thermoplastic (PA 4.6)
Actuator
PA4
Cover of Actuator
X 12 CrNi 17 7
Elongated Button
Thermoplastic (PC)
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements


Similar Part No. - PMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMS ETC-PMS Datasheet
556Kb / 1P
POWER METERING PRECISION SHUNT RESISTORS
logo
Schurter Inc.
PMS SCHURTER-PMS Datasheet
275Kb / 3P
Push button for PCB mounting
logo
M-System Co.,Ltd.
PMS MSYSTEM-PMS Datasheet
104Kb / 3P
Plug-in Signal Conditioners M-UNIT
PMS--B MSYSTEM-PMS--B Datasheet
104Kb / 3P
Plug-in Signal Conditioners M-UNIT
PMS--B/E MSYSTEM-PMS--B/E Datasheet
104Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PMS

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
PUSH BUTTON BOXES
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
CW Industries
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Schurter Inc.
PMS SCHURTER-PMS Datasheet
275Kb / 3P
Push button for PCB mounting
logo
Schneider Electric
ZB4BZ009 SCHNEIDER-ZB4BZ009 Datasheet
140Kb / 2P
Harmony, 22mm Push Button, XB4B operators, metal mounting collar for electrical blocks
Feb 3, 2022
logo
WAGO Kontakttechnik Gmb...
2060-452 WAGO-2060-452 Datasheet
388Kb / 7P
SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com