Electronic Components Datasheet Search
  English  ▼

X  

ADP3416 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3416
Description  Dual Bootstrapped MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3416 Datasheet(HTML) 7 Page - Analog Devices

  ADP3416 Datasheet HTML 1Page - Analog Devices ADP3416 Datasheet HTML 2Page - Analog Devices ADP3416 Datasheet HTML 3Page - Analog Devices ADP3416 Datasheet HTML 4Page - Analog Devices ADP3416 Datasheet HTML 5Page - Analog Devices ADP3416 Datasheet HTML 6Page - Analog Devices ADP3416 Datasheet HTML 7Page - Analog Devices ADP3416 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
ADP3416
–7–
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Trace out the high current paths and use short, wide traces to
make these connections.
2. Connect the PGND Pin of the ADP3416 as close as possible
to the source of the lower MOSFET.
3. The VCC bypass capacitor should be located as close as
possible to VCC and PGND Pins.
IN
VCC
BST
DRVH
SW
DRVL
PGND
U2
ADP3416
NC
7
6
5
1
2
3
4
8
VID4
VID3
VID2
VID1
VID0
SHARE
COMP
GND
FB
CT
VCC
REF
PWM1
PWM2
PWM3
PC
PGND
CS–
CS+
PWRGD
3
1
4
5
18
17
16
2
20
19
6
10
7
8
9
11
14
13
12
15
ADP3165
1.2nF
COC
IN
VCC
BST
DRVH
SW
DRVL
PGND
U3
ADP3416
NC
7
6
5
1
2
3
4
8
L3
600nH
Q4
FDB7030L
C16
15nF
R9
2
C15
4.7 F
D2
MBR052LTI
C14
100nF
Q8
FDB8030L
IN
VCC
BST
DRVH
SW
DRVL
PGND
U4
ADP3416
NC
7
6
5
1
2
3
4
8
L2
600nH
Q3
FDB7030L
C13
15nF
R8
2
L4
600nH
Q5
FDB7030L
C19
15nF
R10
2
+
+
R5
20
C6
15nF
C7
1nF
10.0k
RB
C9
150pF
C10
100pF
1k
R3
32.4k
RA
U1
R4
10
C4
4.7 F
+
+
+
C1
C2
C3
VINRTN
VIN12V
L1
1 H
270 F/16V
3
OS-CON SP SERIES
18m
ESR(EACH)
C12
4.7 F
R6
2k
R7
5m
C11
100nF
Z1
ZMM5263BCT
Q2
FZ649TA
D1
MBR052LTI
D3
MBR052LTI
C18
4.7 F
C17
100nF
2200 F/6.3V
9
RUBYCON MBZ SERIES
12m ESR(EACH)
C20
C29
VCC(CORE)
1.1V – 1.85V
65A
VCC(CORE)RTN
Q7
FDB8030L
Q9
FDB8030L
Q1
2N7000
10k
R2
OUTEN
10 F
27
MLCC
U5
1/6 7404
10 F
2
MLCC
FROM
CPU
NC = NO CONNECT
Figure 3. 65 A Intel Pentium 4 CPU, VR Down Guideline Design
Typical Application Circuits
The circuit in Figure 3 shows how two drivers can be com-
bined with the ADP3165 to form a total power conversion
solution for VCC(CORE) generation in a high current Intel CPU
computer.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com