Electronic Components Datasheet Search
  English  ▼

X  

ADP3416 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3416
Description  Dual Bootstrapped MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3416 Datasheet(HTML) 3 Page - Analog Devices

  ADP3416 Datasheet HTML 1Page - Analog Devices ADP3416 Datasheet HTML 2Page - Analog Devices ADP3416 Datasheet HTML 3Page - Analog Devices ADP3416 Datasheet HTML 4Page - Analog Devices ADP3416 Datasheet HTML 5Page - Analog Devices ADP3416 Datasheet HTML 6Page - Analog Devices ADP3416 Datasheet HTML 7Page - Analog Devices ADP3416 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
–3–
ADP3416
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
BST
Floating Bootstrap Supply for the Upper MOSFET. A capacitor connected between BST and SW Pins
holds this bootstrapped voltage for the high side MOSFET as it is switched. The capacitor should be
chosen between 100 nF and 1 F.
2IN
TTL-level input signal that has primary control of the drive outputs.
3NC
No Connection.
4
VCC
Input Supply. This pin should be bypassed to PGND with ~1
µF ceramic capacitor.
5
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET.
6
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
7SW
This pin is connected to the buck-switching node, close to the upper MOSFET’s source. It is the floating
return for the upper MOSFET drive signal. It is also used to monitor the switched voltage to prevent turn-
on of the lower MOSFET until the voltage is below ~1 V. Thus, according to operating conditions, the
high low transition delay is determined at this pin.
8
DRVH
Buck Drive. Output drive for the upper (buck) MOSFET.
PIN CONFIGURATION
IN
VCC
BST
DRVH
SW
DRVL
PGND
8
7
6
5
1
2
3
4
NC = NO CONNECT
ADP3416
NC
TOP VIEW
(Not To Scale)
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +8 V
BST . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +30 V
BST to SW . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +8 V
SW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –5.0 V to +25 V
IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 70°C
Operating Junction Temperature Range . . . . . . 0
°C to 125°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
°C/W
θJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged. Unless otherwise specified, all voltages are referenced
to PGND.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3416 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature Package
Package
Model
Range
Description
Option
ADP3416JR 0
°C to 70°C8-Lead Standard
SOIC-8
Small Outline (SOIC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com