Electronic Components Datasheet Search
  English  ▼

X  

MAX5904ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5904ESA
Description  Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5904ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5904ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Low-Voltage, Dual Hot-Swap Controllers/Power
Sequencers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN_ = +1V to +13.2V provided at least one supply is higher than +2.7V, VON = +2.7V, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at VIN1 = +5V, VIN2 = +3.3V, and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN_ to GND...........................................................................+14V
GATE_ to GND..........................................+0.3V to (VIN_ + 6.2V)
ON, PGOOD, COMP+, COMPOUT, TIM
to GND.....-0.3V to the higher of (VIN1 + 0.3V) and (VIN2 + 0.3V)
SENSE_, MON_, LIM_ to GND ...................-0.3V to (VIN_ + 0.3V)
Current into Any Pin .........................................................±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Narrow SO (derate 5.9mW/°C above +70°C) ......471mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
Operating Temperature Ranges:
MAX590_U_ _ .....................................................0°C to +85°C
MAX590_E_ _ ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
IN_ Input Voltage Range (Note 2)
VIN_Other VIN = +2.7V
1.0
13.2
V
Supply Current
IIN
IIN1 + IIN2
1.2
2.9
mA
CURRENT CONTROL
TA = +25°C
22.5
25
27.5
MAX5904/MAX5905
TA = 0°C to +85°C
20.5
27.5
LIM = GND
22.5
25
27.5
Slow-Comparator Threshold
(VIN - VSENSE) (Note 3)
VSC,TH
MAX5906–MAX5909
RLIM = 300k
Ω
80
100
125
mV
1mV overdrive
3
ms
Slow-Comparator Response Time
(Note 4)
tSCD
50mV overdrive
110
µs
VSU,TH
VIN_ - VSENSE_; during startup
2 x VSC, TH
Fast-Comparator Threshold
VFC,TH
VIN_ - VSENSE_; normal operation
4 x VSC, TH
mV
Fast-Comparator Response Time
tFCD
10mV overdrive, from overload condition
260
ns
SENSE Input Bias Current
IB SEN
VSEN_ = VIN_
0.03
6
µA
MOSFET DRIVER
RTIM = 100k
Ω
7.1
10.8
15.5
RTIM = 4k
Ω (minimum value)
0.31
0.45
0.58
Startup Period
(Note 5)
tSTART
TIM floating for MAX5906–MAX5909
fixed for MAX5904/MAX5905
3.9
9
16.0
ms
Charging, VGATE = +5V, VIN = +10V
(Note 5)
80
100
130
µA
Weak discharge, during startup when current
limit is active or when 0.4V < VON < 0.8V
100
µA
Average Gate Current
IGATE
Strong discharge, triggered by a fault or
when VON < 0.4V
3mA
VGATE_ - VIN_, IGATE_ < 1µA, VIN
≥ 3V
4.8
5.4
5.8
Gate-Drive Voltage
VDRIVE
VGATE_ - VIN_, IGATE_ < 1µA, 2.7V
≤ VIN ≤ 3V
4.2
5.3
5.8
V
ON COMPARATOR
Low to high
0.375
0.4
0.425
V
Fast Pulldown ON Threshold
VONFP,TH
Hysteresis
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com