Electronic Components Datasheet Search
  English  ▼

X  

MAX5904ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5904ESA
Description  Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5904ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5904ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5904ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Low-Voltage, Dual Hot-Swap Controllers/Power
Sequencers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN_ = +1V to +13.2V provided at least one supply is higher than +2.7V, VON = +2.7V, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VIN1 = +5V, VIN2 = +3.3V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VON < 4.5V
0.03
VON > 4.5V
100
ON Input Bias Current
IBON
VIN1 = VIN2 = +13.2V
VON = 4V
0.03
1
µA
ON Pulse-Width Low
tUNLATCH To unlatch after a latched fault
100
µs
DIGITAL OUTPUT (PGOOD)
Output Leakage Current
VPGOOD = 13.2V
1
µA
Output-Voltage Low
VOL
ISINK = 1mA
0.4
V
PGOOD Delay
tPGDLY
After tSTART, MON_ = VIN_
0.75
ms
OUTPUT VOLTAGE MONITORS (MON1, MON2)
Overvoltage
655
687
710
MON_ Trip Threshold
VMON_
Undervoltage
513
543
567
mV
MON_ Glitch Filter
20
µs
MON_ Input Bias Current
VMON_ = 600mV
0.03
µA
UNDERVOLTAGE LOCKOUT (UVLO)
Startup is initiated when this threshold is reached
by VIN1 or VIN2, VON > 0.8V, VIN_ increasing
2.1
2.4
2.67
V
UVLO Threshold
VUVLO
Hysteresis
100
mV
UVLO Glitch Filter Reset Time
VIN_ = 0V, to unlatch after a fault
100
µs
UVLO to Startup Delay
tD,UVLO
VIN_ step from 0 to 2.8V
18
37.5
64
ms
SHUTDOWN RESTART
Autoretry Delay
tRETRY
Delay time to restart after a fault shutdown
MAX5904/MAX5906/MAX5908
64 x tSTART
ms
UNCOMMITTED COMPARATOR
Low to high
1.206
1.25
1.290
V
INC+ Trip Threshold Voltage
VC,TH
Hysteresis
10
mV
Propagation Delay
10mV overdrive
50
µs
OUTC Voltage Low
VOL
ISINK = 1mA
0.4
V
INC+ Bias Current
VINC+ = 5V
0.02
1
µA
OUTC Leakage Current
IOUTC
VOUTC = 13.2V
0.02
1
µA
Note 1: Limits are 100% tested at TA = +25°C and +85°C. Limits at 0°C and -40° are guaranteed by characterization and are not produc-
tion tested.
Note 2: VIN rising slew rate must be less than 0.2V/µs.
Note 3: The MAX5906–MAX5909 slow-comparator threshold is adjustable. VSC,TH = RLIM x 0.25µA + 25mV (see the Typical
Operating Characteristics).
Note 4: The current-limit slow-comparator response time is weighted against the amount of overcurrent; the higher the overcurrent
condition, the faster the response time. See the Typical Operating Characteristics.
Note 5: The startup period (tSTART) is the time during which the slow comparator is ignored and the device acts as a current limiter
by regulating the sense current with the fast comparator. See the Startup Period section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com