Electronic Components Datasheet Search
  English  ▼

X  

PCN1-M Datasheet(PDF) 7 Page - CUI INC

Part # PCN1-M
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-M Datasheet(HTML) 7 Page - CUI INC

  PCN1-M Datasheet HTML 1Page - CUI INC PCN1-M Datasheet HTML 2Page - CUI INC PCN1-M Datasheet HTML 3Page - CUI INC PCN1-M Datasheet HTML 4Page - CUI INC PCN1-M Datasheet HTML 5Page - CUI INC PCN1-M Datasheet HTML 6Page - CUI INC PCN1-M Datasheet HTML 7Page - CUI INC PCN1-M Datasheet HTML 8Page - CUI INC PCN1-M Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
cui.com
date 07/01/2021
│ page 7 of 9
CUI Inc
│ SERIES: PCN1-M │ DESCRIPTION: DC-DC CONVERTER
11.71
16.00
4.00
2.00
1.50
FEED DIRECTION
units: mm
Reel Size: Ø13”
QTY: 430 pcs per reel
Single output models
11.72
16.00
4.00
2.00
1.50
FEED DIRECTION
Dual output models
units: mm
Reel Size: Ø13”
QTY: 430 pcs per reel
PACKAGING (TUBE)
units: mm
Tube Size: 14 x 14 x 535 mm
Single Output Models QTY: 36 pcs per tube
Dual Output Models QTY: 30 pcs per tube
PACKAGING (TAPE & REEL)
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com