Electronic Components Datasheet Search
  English  ▼

X  

PCN1-M Datasheet(PDF) 8 Page - CUI INC

Part # PCN1-M
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-M Datasheet(HTML) 8 Page - CUI INC

  PCN1-M Datasheet HTML 1Page - CUI INC PCN1-M Datasheet HTML 2Page - CUI INC PCN1-M Datasheet HTML 3Page - CUI INC PCN1-M Datasheet HTML 4Page - CUI INC PCN1-M Datasheet HTML 5Page - CUI INC PCN1-M Datasheet HTML 6Page - CUI INC PCN1-M Datasheet HTML 7Page - CUI INC PCN1-M Datasheet HTML 8Page - CUI INC PCN1-M Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
cui.com
date 07/01/2021
│ page 8 of 9
CUI Inc
│ SERIES: PCN1-M │ DESCRIPTION: DC-DC CONVERTER
TEST CONFIGURATIONS
Input Ripple Current & Output Noise
Table 1
L1
12 µH
C1
2.2 µF tantalum capacitor
C2
NC
EMC RECOMMENDED CIRCUIT
Test Condition
Input Voltage: Nominal
Output Load: Full Load
Table 2
Input
Voltage
(Vdc)
Cin
5
2.2 µF ceramic capacitor
12
2.2 µF ceramic capacitor
Figure 2
Measuring Output Ripple & Noise for
Single Output Models
Figure 1
Measuring Input Ripple Current
Figure 3
Measuring Output Ripple & Noise for
Dual Output Models
Table 3
Figure 4
Conducted Emissions Test Circuit
EN55022 Class B
Recommended External Circuit Components
Input
Voltage
(Vdc)
C11
C21
L1
5
4.7 µF / 25 V 4.7 µF / 25 V
10 µH
12
4.7 µF / 25 V 4.7 µF / 25 V
10 µH
Notes:
1. Ceramic Capacitor
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com