Electronic Components Datasheet Search
  English  ▼

X  

CS8183 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8183
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183 Datasheet(HTML) 6 Page - ON Semiconductor

  CS8183 Datasheet HTML 1Page - ON Semiconductor CS8183 Datasheet HTML 2Page - ON Semiconductor CS8183 Datasheet HTML 3Page - ON Semiconductor CS8183 Datasheet HTML 4Page - ON Semiconductor CS8183 Datasheet HTML 5Page - ON Semiconductor CS8183 Datasheet HTML 6Page - ON Semiconductor CS8183 Datasheet HTML 7Page - ON Semiconductor CS8183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS8183
http://onsemi.com
6
VIN1
VOUT1
NC
NC
GND
GND
NC
NC
VOUT2
VIN2
NC
NC
GND
GND
NC
NC
VADJ1
VREF/
ENABLE1
VREF/
ENABLE2
VADJ2
C2
20
µF
VOUT
400 mA
B+
VREF
C1
2.0
µF
Figure 13. 400 mA Loading
400 mA Output Capability
Normally regulator outputs cannot be combined to
increase capability. This can cause damage to an IC because
of mismatches in the output drivers. The tight tolerances in
tracking of the CS8183 allow their outputs to be combined
for increased performance. Figure 13 shows the circuit
connections needed to perform this function.
APPLICATION NOTES
Switched Application
The CS8183 has been designed for use in systems where
the reference voltage on the VREF/ENABLE pin is
continuously
on.
Typically,
the
current
into
the
VREF/ENABLE pin will be less than 1.0 µA when the
voltage on the VIN pin (usually the ignition line) has been
switched out (VIN can be at high impedance or at ground.)
Reference Figure 14.
VOUT
GND
GND
Adj
VIN
GND
GND
VREF/
ENABLE
VOUT
VREF
5.0 V
VBAT
C1
1.0
µF
Ignition
Switch
< 1.0
µA
Figure 14.
C2
10
µF
External Capacitors
Output capacitors for the CS8183 are required for
stability. Without them, the regulator outputs will oscillate.
Actual size and type may vary depending upon the
application load and temperature range. Capacitor effective
series resistance (ESR) is also a factor in the IC stability.
Worst−case is determined at the minimum ambient
temperature and maximum load expected.
The output capacitors can be increased in size to any
desired value above the minimum. One possible purpose of
this would be to maintain the output voltage during brief
conditions of negative input transients that might be
characteristic of a particular system.
The capacitors must also be rated at all ambient
temperatures expected in the system. To maintain regulator
stability down to −40
°C, a capacitor rated at that temperature
must be used.
More information on capacitor selection for SMART
REGULATOR
®s is available in the SMART REGULATOR
application note, “Compensation for Linear Regulators.”
Calculating Power Dissipation in a Dual Output Linear
Regulator
The maximum power dissipation for a dual output
regulator (Figure 15) is:
PD(max)
+ {VIN(max) * VOUT1(min)} IOUT1(max)
) {VIN(max) * VOUT2(min)}IOUT2(max2)
(1)
) VIN(max)IQ
where:
VIN(max) is the maximum input voltage,
VOUT1(min) is the minimum output voltage from VOUT1,
VOUT2(min) is the minimum output voltage from VOUT2,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com