Electronic Components Datasheet Search
  English  ▼

X  

CS8183 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8183
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8183 Datasheet HTML 1Page - ON Semiconductor CS8183 Datasheet HTML 2Page - ON Semiconductor CS8183 Datasheet HTML 3Page - ON Semiconductor CS8183 Datasheet HTML 4Page - ON Semiconductor CS8183 Datasheet HTML 5Page - ON Semiconductor CS8183 Datasheet HTML 6Page - ON Semiconductor CS8183 Datasheet HTML 7Page - ON Semiconductor CS8183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
March, 2004 − Rev. 15
1
Publication Order Number:
CS8183/D
CS8183
Dual Micropower 200 mA
Low Dropout Tracking
Regulator/Line Driver
The CS8183 is a dual low dropout tracking regulator designed to
provide adjustable buffered output voltages that closely track
(
±10 mV) the reference inputs. The outputs deliver up to 200 mA
while being able to be configured higher, lower or equal to the
reference voltages.
The outputs have been designed to operate over a wide range (2.8 V
to 45 V) while still maintaining excellent DC characteristics. The
CS8183 is protected from reverse battery, short circuit and thermal
runaway conditions. The device also can withstand 45 V load dump
transients and −50 V reverse polarity input voltage transients. This
makes it suitable for use in automotive environments.
The VREF/ENABLE leads serve two purposes. They are used to
provide the input voltage as a reference for the output and they also
can be pulled low to place the device in sleep mode where it nominally
draws less than 30
µA from the supply.
The two trackers can be combined in parallel doubling the capability
to 400 mA for a single application.
Features
• Two Regulated Outputs 200 mA, ±10 mV Track Worst Case
• Low Dropout (0.35 V typ. @ 200 mA)
• Low Quiescent Current
• Independent Thermal Shutdown
• Short Circuit Protection
• Wide Operating Range
• Internally Fused Leads in the SO−20L Package
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
PIN CONNECTIONS AND
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
SO−20L
37 Units/Rail
SO−20L
1000 Tape & Reel
SO−20L
DWF
SUFFIX
CASE 751D
CS8183YDWF20
CS8183YDWFR20
1
20
NC
NC
NC
NC
GND
GND
GND
GND
NC
NC
NC
NC
VIN2
VOUT1
VOUT2
VIN1
VREF/ENABLE2
VADJ1
VADJ2
VREF/ENABLE1
1
20
http://onsemi.com


Similar Part No. - CS8183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8183 ONSEMI-CS8183 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8183YDWF20G ONSEMI-CS8183YDWF20G Datasheet
140Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
CS8183YDWFR20G ONSEMI-CS8183YDWFR20G Datasheet
140Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
More results

Similar Description - CS8183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
Toshiba Semiconductor
TCR6DA1528 TOSHIBA-TCR6DA1528 Datasheet
309Kb / 17P
200 mA Dual Outputs CMOS Low-Dropout Regulator
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com