Electronic Components Datasheet Search
  English  ▼

X  

BGS8U5 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BGS8U5
Description  SiGe:C low-noise amplifier with bypass switch for LTE/5G NR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8U5 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BGS8U5 Datasheet HTML 8Page - NXP Semiconductors BGS8U5 Datasheet HTML 9Page - NXP Semiconductors BGS8U5 Datasheet HTML 10Page - NXP Semiconductors BGS8U5 Datasheet HTML 11Page - NXP Semiconductors BGS8U5 Datasheet HTML 12Page - NXP Semiconductors BGS8U5 Datasheet HTML 13Page - NXP Semiconductors BGS8U5 Datasheet HTML 14Page - NXP Semiconductors BGS8U5 Datasheet HTML 15Page - NXP Semiconductors BGS8U5 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
NXP Semiconductors
BGS8U5
SiGe:C low-noise amplifier with bypass switch for LTE/5G NR
[2]
Guaranteed by design; not tested in production
4400 MHz ≤ f ≤ 5000 MHz; VCC = 2.8 V; Tamb = 25 °C; input matched 50 Ω using application diagram from Figure 4 and
component values as in Table 13. Unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Gain mode
f = 4400 MHz
-
13.0
-
dB
Gp
power gain
f = 5000 MHz
-
10.5
-
dB
f = 4400 MHz
[1] -
1.0
-
dB
NF
noise figure
f = 5000 MHz
[1] -
1.3
-
dB
f = 4400 MHz
-
-6.0
-
dBm
Pi(1dB)
input power at 1 dB gain
compression
f = 5000 MHz
-
-5.0
-
dBm
f = 4400 MHz
-
5.0
-
dBm
Po(1dB)
output power
at 1 dB gain compression
f = 5000 MHz
-
4.5
-
dBm
f = 4400 MHz; Δf = 1 MHz/10 MHz
-
3.0
-
dBm
IP3i
input third-order intercept point
f = 5000 MHz; Δf = 1 MHz/10 MHz
-
3.0
-
dBm
f = 4400 MHz
-
17.0
-
dB
RLin
input return loss
f = 5000 MHz
-
14.0
-
dB
f = 4400 MHz
-
15.0
-
dB
RLout
output return loss
f = 5000 MHz
-
10.0
-
dB
f = 4400 MHz
-
22.0
-
dB
ISL
isolation
f = 5000 MHz
-
22.0
-
dB
Table 11. Characteristics
BGS8U5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 December 2021
12 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com