Electronic Components Datasheet Search
  English  ▼

X  

SIR698DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR698DP
Description  N-Channel 100 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR698DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR698DP Datasheet HTML 1Page - Vishay Siliconix SIR698DP Datasheet HTML 2Page - Vishay Siliconix SIR698DP Datasheet HTML 3Page - Vishay Siliconix SIR698DP Datasheet HTML 4Page - Vishay Siliconix SIR698DP Datasheet HTML 5Page - Vishay Siliconix SIR698DP Datasheet HTML 6Page - Vishay Siliconix SIR698DP Datasheet HTML 7Page - Vishay Siliconix SIR698DP Datasheet HTML 8Page - Vishay Siliconix SIR698DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiR698DP
Document Number: 67918
S11-2524-Rev. A, 26-Dec-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 100 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg and UIS Tested
•Low Qg for High Efficiency
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
LED Monitor
- Boost and Dimming
Notes:
a. TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 75 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω) Max.
ID (A)
a
Qg (Typ.)
100
0.195 at VGS = 10 V
7.5
5.2 nC
0.230 at VGS = 6 V
6.9
Ordering Information:
SiR698DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
7.5
A
TC = 70 °C
6
TA = 25 °C
3b,c
TA = 70 °C
2.4b,c
Pulsed Drain Current
IDM
10
Continuous Source-Drain Diode Current
TC = 25 °C
IS
8
TA = 25 °C
3.1b,c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Single Pulse Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
23
W
TC = 70 °C
14.8
TA = 25 °C
3.7b,c
TA = 70 °C
2.4b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
28
34
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
4.3
5.4


Similar Part No. - SIR698DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR698DP VISHAY-SIR698DP Datasheet
327Kb / 13P
N-Channel 100 V (D-S) MOSFET
26-Dec-11
More results

Similar Description - SIR698DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com