Electronic Components Datasheet Search
  English  ▼

X  

TPS22992RXPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22992RXPR
Description  TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22992RXPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS22992RXPR Datasheet HTML 1Page - Texas Instruments TPS22992RXPR Datasheet HTML 2Page - Texas Instruments TPS22992RXPR Datasheet HTML 3Page - Texas Instruments TPS22992RXPR Datasheet HTML 4Page - Texas Instruments TPS22992RXPR Datasheet HTML 5Page - Texas Instruments TPS22992RXPR Datasheet HTML 6Page - Texas Instruments TPS22992RXPR Datasheet HTML 7Page - Texas Instruments TPS22992RXPR Datasheet HTML 8Page - Texas Instruments TPS22992RXPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics (VBIAS = 5 V)..................... 6
7.6 Electrical Characteristics (VBIAS = 3.3 V).................. 7
7.7 Electrical Characteristics (VBIAS = 1.5 V).................. 7
7.8 Switching Characteristics (VBIAS = 5 V).................... 8
7.9 Switching Characteristics (VBIAS = 3.3 V)................. 9
7.10 Switching Characteristics (VBIAS = 1.5 V)............. 10
7.11 Typical Characteristics.............................................11
8 Timing Diagram............................................................. 13
9 Detailed Description......................................................14
9.1 Overview................................................................... 14
9.2 Functional Block Diagram......................................... 14
9.3 Feature Description...................................................15
9.4 Device Functional Modes..........................................16
10 Application and Implementation................................ 17
10.1 Application Information........................................... 17
10.2 Typical Application.................................................. 17
11 Power Supply Recommendations..............................19
12 Layout...........................................................................20
12.1 Layout Guidelines................................................... 20
12.2 Layout Example...................................................... 20
13 Device and Documentation Support..........................21
13.1 Receiving Notification of Documentation Updates..21
13.2 Support Resources................................................. 21
13.3 Trademarks.............................................................21
13.4 Electrostatic Discharge Caution..............................21
13.5 Glossary..................................................................21
14 Mechanical, Packaging, and Orderable
Information.................................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (July 2021) to Revision A (December 2021)
Page
• Changed status from "Advance Information" to "Production Data".....................................................................1
TPS22992
SLVSFT0A – JULY 2021 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com