Electronic Components Datasheet Search
  English  ▼

X  

TPS22992RXPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22992RXPR
Description  TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22992RXPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS22992RXPR Datasheet HTML 21Page - Texas Instruments TPS22992RXPR Datasheet HTML 22Page - Texas Instruments TPS22992RXPR Datasheet HTML 23Page - Texas Instruments TPS22992RXPR Datasheet HTML 24Page - Texas Instruments TPS22992RXPR Datasheet HTML 25Page - Texas Instruments TPS22992RXPR Datasheet HTML 26Page - Texas Instruments TPS22992RXPR Datasheet HTML 27Page - Texas Instruments TPS22992RXPR Datasheet HTML 28Page - Texas Instruments TPS22992RXPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
PACKAGE OUTLINE
4225934/A 05/2020
www.ti.com
WQFN-HR - 0.8 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RXP0008A
A
0.08 C
B
SYMM
SYMM
PIN 1 INDEX AREA
1.35
1.15
1.6
1.4
0.8 MAX
0.05
0.00
SEATING PLANE
C
2X
0.6
0.4
4X
0.3
0.2
8X
0.3
0.2
0.1
C A B
0.05
C
(0.1) TYP
3
2X
1
4X
0.5
4
5
7
8
1
2X
0.425
0.325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com