Electronic Components Datasheet Search
  English  ▼

X  

MAX690ACSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX690ACSA
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690ACSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX690ACSA Datasheet HTML 5Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 6Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 7Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 8Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 9Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 10Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 11Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 12Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Operation Without a Backup Power Source
If a backup power source is not used, ground VBATT and
connect VOUT to VCC. Since there is no need to switch
over to any backup power source, VOUT does not need
to be switched. A direct connection to VCC eliminates any
voltage drops across the switch which may push VOUT
below VCC.
Replacing the Backup Battery
The backup battery can be removed while VCC remains
valid, without danger of triggering RESET/RESET. As
long as VCC stays above the reset threshold, battery-
backup mode cannot be entered. In other switchover ICs
where battery-backup mode is entered whenever VBATT
gets close to VCC, an unconnected VBATT pin accumu-
lates leakage charge and triggers RESET/RESET in error.
Adding Hysteresis to the Power-Fail
Comparator
Hysteresis adds a noise margin to the power-fail
comparator and prevents repeated triggering of PFO
when VIN is close to its trip point. Figure 6 shows how to
add hysteresis to the power-fail comparator. Select the
ratio of R1 and R2 such that PFI sees 1.25V when VIN
falls to its trip point (VTRIP). R3 adds the hysteresis. It will
typically be an order of magnitude greater than R1 or R2
(about 10 times either R1 or R2). The current through R1
and R2 should be at least 1μA to ensure that the 25nA
(max) PFI input current does not shift the trip point. R3
should be larger than 10kΩ so it does not load down the
PFO pin. Capacitor C1 adds additional noise rejection.
Monitoring a Negative Voltage
The power-fail comparator can be used to monitor a
negative supply rail using the circuit of Figure 7. When
the negative rail is good (a negative voltage of large mag-
nitude), PFO is low. When the negative rail is degraded
(a negative voltage of lesser magnitude), PFO goes high.
This circuit’s accuracy is affected by the PFI threshold
tolerance, the VCC line, and the resistors.
Interfacing to μPs with Bidirectional
Reset Pins
μPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the MAX690A/MAX692A/
MAX802L/MAX802M RESET output. If, for example, the
RESET output is driven high and the μP wants to pull it
low, indeterminate logic levels may result. To correct this,
connect a 4.7kΩ resistor between the RESET output and
the μP reset I/O, as in Figure 8. Buffer the RESET output
to other system components.
Figure 7. Monitoring a Negative Voltage
PFO
VCC
GND
MAX690A
MAX692A
MAX802L
MAX802M
MAX805L
+5V
R2
R1
PFI
+5V
0V
PFO
VTRIP
V-
0V
V-
NOTE: VTRIP IS NEGATIVE
R1
+
VL - 1.25
R2
1.25 - VTRIP
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com