Electronic Components Datasheet Search
  English  ▼

X  

MAX690ACSA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX690ACSA
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690ACSA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX690ACSA Datasheet HTML 5Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 6Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 7Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 8Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 9Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 10Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 11Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 12Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Part
Number
Nominal
Reset
Threshold
(V)
Minimum
Reset
Pulse
Width
(ms)
Nominal
Watchdog
Timeout
Period
(s)
Backup-
Battery
Switch
CE -
Write
Protect
Power-
Fail
Comparator
Manual-
Reset
Input
Watch-
dog
Output
Low-
Line
Output
Active-
High
Reset
Battery-
On
Output
MAX690A/692A
4.65/4.40
140
1.6
ü
ü
MAX691A/693A
4.65/4.40
140/adj.
1.6/adj.
ü
ü
/10ns
ü
ü
ü
ü
ü
MAX696
Adj.
35/adj.
1.6/adj.
ü
ü
ü
ü
ü
ü
MAX697
Adj.
35/adj.
1.6/adj.
ü
ü
ü
ü
ü
MAX700
4.65/adj.
200
–
ü
ü
MAX703/704
4.65/4.40
140
–
ü
ü
ü
MAX705/706
4.65/4.40
140
1.6
ü
ü
ü
MAX706P
2.63
140
1.6
ü
ü
ü
ü
MAX706R/S/T
2.63/2.93/
3.08
140
1.6
ü
ü
ü
MAX707/708
4.65/4.40
140
–
ü
ü
ü
MAX708R/S/T
2.63/2.93/
3.08
140
–
ü
ü
ü
MAX709L/M/
R/S/T
4.65/4.40/
2.63/2.93/3.08
140
–
MAX791
4.65
140
1
ü
ü
/10ns
ü
ü
ü
ü
ü
ü
MAX792L/M/
R/S/T
4.65/4.40/
2.63/2.93/3.08
140
1
ü
/10ns
ü
ü
ü
ü
ü
MAX800L/M
4.60/4.40
140
1.6/adj.
ü
ü
/10ns
ü
/±2%
ü
ü
ü
ü
MAX802L/M
4.60/4.40
140
1.6
ü
ü
/±2%
MAX805L
4.65
140
1.6
ü
ü
ü
MAX813L
4.65
140
1.6
ü
ü
ü
ü
MAX820L/M/
R/S/T
4.65/4.40/
2.63/2.93/3.08
140
1
ü
/10ns
ü
/±2%
ü
ü
ü
ü
MAX1232
4.37/4.62
250
0.15/0.60/1.2
ü
ü
MAX1259
–
–
–
ü
ü
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 11
μP Supervisory Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com